Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 24 Page - Texas Instruments

Part # FDMS8680
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 24 Page - Texas Instruments

Back Button FDMS8680 Datasheet HTML 20Page - Texas Instruments FDMS8680 Datasheet HTML 21Page - Texas Instruments FDMS8680 Datasheet HTML 22Page - Texas Instruments FDMS8680 Datasheet HTML 23Page - Texas Instruments FDMS8680 Datasheet HTML 24Page - Texas Instruments FDMS8680 Datasheet HTML 25Page - Texas Instruments FDMS8680 Datasheet HTML 26Page - Texas Instruments FDMS8680 Datasheet HTML 27Page - Texas Instruments FDMS8680 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
1
2
3
4
15
14
13
12
VTTSNS
U1
TPS51916RUK
VLDOIN
VTT
VTTGND
VBST
DRVH
SW
V5IN
5
11
VTTREF
DRVL
10
9
8
7
6
16
17
18
19
20
21
C6
1 mF
UDG-10196
C7
0.1 mF
C8
10 mF
C9
10 mF
VIN
8 V to 20 V
PGND
R6
0 W
C5
0.1 mF
R7 0 W
L1
1 mH
Q2
FDMS8670AS
C10
4 x 47 mF
VDDQ_GND
PGND
R5
49.9 kW
R4
10 kW
C3
0.1 mF
C4
10 nF
C2
0.22 mF
C1
10 mF
C12
10 mF
PGND
VTT
0.75 V/2 A
VTTREF
0.75 V
VTTGND
S5
S3
R1
100 kW
R2 1 kW
R3 36 kW
V5IN
4.5 V to 5.5
V
Q1
FDMS8680
VDDQ
1.5 V/10 A
AGND
PGND
AGND PGND
TPS51916
SLUSAE1D – DECEMBER 2010 – REVISED JUNE 2012
www.ti.com
Figure 40. DDR3, DCAP-2™ 500-kHz Application Circuit, Tracking Discharge
Table 4. DDR3, DCAP-2™ 500-kHz Application Circuit, List of Materials
REFERENCE
QTY
SPECIFICATION
MANUFACTURE
PART NUMBER
DESIGNATOR
C8, C9
2
10 µF, 25 V
Taiyo Yuden
TMK325BJ106MM
C10
4
47 µF, 6.3 V
TDK
C2012X5R0J476M
L1
1
1 µH, 18.5 A, 2.3 m
Ω
NEC Tokin
MPC1055L1R0C
Q1
1
30 V, 35 A, 8.5 m
Ω
Fairchild
FDMS8680
Q2
1
30 V, 42 A, 3.5 m
Ω
Fairchild
FDMS8670AS
24
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com