Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 7 Page - Texas Instruments

Part # FDMS8680
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 7 Page - Texas Instruments

Back Button FDMS8680 Datasheet HTML 3Page - Texas Instruments FDMS8680 Datasheet HTML 4Page - Texas Instruments FDMS8680 Datasheet HTML 5Page - Texas Instruments FDMS8680 Datasheet HTML 6Page - Texas Instruments FDMS8680 Datasheet HTML 7Page - Texas Instruments FDMS8680 Datasheet HTML 8Page - Texas Instruments FDMS8680 Datasheet HTML 9Page - Texas Instruments FDMS8680 Datasheet HTML 10Page - Texas Instruments FDMS8680 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
TPS51916
Thermal Pad
VTTSNS
VLDOIN
VTT
VTTGND
VTTREF
DRVL
V5IN
SW
DRVH
VBST
TPS51916
www.ti.com
SLUSAE1D – DECEMBER 2010 – REVISED JUNE 2012
DEVICE INFORMATION
RUK PACKAGE (TOP VIEW)
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
DRVH
14
O
High-side MOSFET gate driver output.
DRVL
11
O
Low-side MOSFET gate driver output.
GND
7
Signal ground.
MODE
19
I
Connect resistor to GND to configure switching frequency, control mode and discharge mode. (See Table 2)
PGND
10
Gate driver power ground. RDS(on) current sensing input(+).
PGOOD
20
O
Powergood signal open drain output. PGOOD goes high when VDDQ output voltage is within the target range.
Reference input for VDDQ. Connect to the midpoint of a resistor divider from VREF to GND. Add a capacitor for
REFIN
8
I
stable operation.
SW
13
I/O
High-side MOSFET gate driver return. RDS(on) current sensing input(–).
S3
17
I
S3 signal input. (See Table 1)
S5
16
I
S5 signal input. (See Table 1)
TRIP
18
I
Connect resistor to GND to set OCL at VTRIP/8. Output 10-μA current at room temperature, TC = 4700 ppm/°C.
VBST
15
I
High-side MOSFET gate driver bootstrap voltage input. Connect a capacitor from the VBST pin to the SW pin.
VDDQSNS
9
I
VDDQ output voltage feedback. Reference input for VTTREF. Also serves as power supply for VTTREF.
VLDOIN
2
I
Power supply input for VTT LDO. Connect VDDQ in typical application.
VREF
6
O
1.8-V reference output.
VTT
3
O
VTT 2-A LDO output. Need to connect 10
μF or larger capacitance for stability.
VTTGND
4
Power ground for VTT LDO.
VTTREF
5
O
Buffered VTT reference output. Need to connect 0.22
μF or larger capacitance for stability.
VTTSNS
1
I
VTT output voltage feedback.
V5IN
12
I
5-V power supply input for internal circuits and MOSFET gate drivers.
Thermal
Thermal pad. Connect directly to system GND plane with multiple vias.
pad
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com