Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 22 Page - Texas Instruments

Part # FDMS8680
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 22 Page - Texas Instruments

Back Button FDMS8680 Datasheet HTML 18Page - Texas Instruments FDMS8680 Datasheet HTML 19Page - Texas Instruments FDMS8680 Datasheet HTML 20Page - Texas Instruments FDMS8680 Datasheet HTML 21Page - Texas Instruments FDMS8680 Datasheet HTML 22Page - Texas Instruments FDMS8680 Datasheet HTML 23Page - Texas Instruments FDMS8680 Datasheet HTML 24Page - Texas Instruments FDMS8680 Datasheet HTML 25Page - Texas Instruments FDMS8680 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
´
³
´
OUT
SW
X
V
ESR
20mV
f
L
£
p ´
´
SW
OUT
f
1
2
ESR C
3
(
)
(
)
(
)
æ
ö
æ
ö
-
ç
÷
´
-
´
´
ç
÷
ç
÷
ç
÷
´
´
è
ø
è
ø
=
IN
OUT
OUT
OCL
DS(on)
X
SW
IN
TRIP
TRIP
V
V
V
8
I
R
2 L
f
V
R
I
(
)
(
)
(
)
(
)
(
)
-
´
´
=
+
´
´
´
IN
OUT
OUT
max
TRIP
TRIP
IND peak
SW
IN
DS on
max
V
V
V
R
I
1
I
8 R
L f
V
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
-
´
-
´
=
´
=
´
´
´
IN
OUT
OUT
IN
OUT
OUT
max
max
X
SW
IN
O
SW
IN
IND ripple
max
max
max
V
V
V
V
V
V
1
3
L
I
f
V
I
f
V
(
)
=
æ
ö
ç
÷
ç
÷
ç
÷ -
´
æ
ö
ç
÷
ç
÷
-
ç
÷
ç
÷
ç
÷
è
ø
è
ø
IND ripple
OUT
R1
R2
1.8
1
I
ESR
V
2
TPS51916
SLUSAE1D – DECEMBER 2010 – REVISED JUNE 2012
www.ti.com
External Components Selection
The external components selection is simple in D-CAP™ mode.
1. DETERMINE THE VALUE OF R1 AND R2
The output voltage is determined by the value of the voltage-divider resistor, R1 and R2 as shown in Figure 35.
R1 is connected between VREF and REFIN pins, and R2 is connected between the REFIN pin and GND. Setting
R1 as 10-k
Ω is a good starting point. Determine R2 using Equation 7.
(7)
2. CHOOSE THE INDUCTOR
The inductance value should be determined to yield a ripple current of approximately ¼ to ½ of maximum output
current. Larger ripple current increases output ripple voltage and improves the signal-to-noise ratio and helps
stable operation.
(8)
The inductor needs a low direct current resistance (DCR) to achieve good efficiency, as well as enough room
above peak inductor current before saturation. The peak inductor current can be estimated in Equation 9.
(9)
3. CHOOSE THE OCL SETTING RESISTANCE, RTRIP
Combining Equation 5 and Equation 6, RTRIP can be obtained using Equation 10.
(10)
4. CHOOSE THE OUTPUT CAPACITORS
D-CAP™ Mode
Organic semiconductor capacitor(s) or specialty polymer capacitor(s) are recommended. Determine ESR to meet
small signal stability and recommended ripple voltage. A quick reference is shown in Equation 11 and
Equation 12.
(11)
(12)
D-CAP2™ Mode
Determine output capacitance to meet small signal stability as shown in Equation 13.
22
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com