Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 20 Page - Texas Instruments

Part # FDMS8680
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 20 Page - Texas Instruments

Back Button FDMS8680 Datasheet HTML 16Page - Texas Instruments FDMS8680 Datasheet HTML 17Page - Texas Instruments FDMS8680 Datasheet HTML 18Page - Texas Instruments FDMS8680 Datasheet HTML 19Page - Texas Instruments FDMS8680 Datasheet HTML 20Page - Texas Instruments FDMS8680 Datasheet HTML 21Page - Texas Instruments FDMS8680 Datasheet HTML 22Page - Texas Instruments FDMS8680 Datasheet HTML 23Page - Texas Instruments FDMS8680 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
12
17
16
6
15
14
13
11
V5IN
TPS51916
S3
S5
VREF
VBST
DRVH
SW
DRVL
8
10
REFIN
PGND
7
19
GND
MODE
18 TRIP
20
9
2
3
PGOOD
VDDQSNS
VLDOIN
VTT
1
4
5
VTTSNS
VTTGND
VTTREF
UDG-12075
VDDQ
S5
PGND
5VIN
PGND
VIN
AGND
Powergood
PGND
1 kW
PGND
PGND
0.22 mF
AGND
TPS51916
SLUSAE1D – DECEMBER 2010 – REVISED JUNE 2012
www.ti.com
VTT and VTTREF
TPS51916 integrates two high performance, low-drop-out linear regulators, VTT and VTTREF, to provide
complete DDR2/DDR3/DDR3L power solutions. The VTTREF has a 10-mA sink/source current capability, and
tracks ½ of VDDQSNS with ±1% accuracy using an on-chip ½ divider. A 0.22-
μF (or larger) ceramic capacitor
must be connected close to the VTTREF terminal to ensure stable operation. The VTT responds quickly to track
VTTREF within ±40 mV at all conditions, and the current capability is 2 A for both sink and source. A 10-
μF (or
larger) ceramic capacitor(s) need to be connected close to the VTT terminal for stable operation. To achieve tight
regulation with minimum effect of wiring resistance, a remote sensing terminal, VTTSNS, should be connected to
the positive node of VTT output capacitor(s) as a separate trace from the high-current line to the VTT pin.
(Please refer to the Layout Considerations section for details.)
When VTT is not required in the design, following treatment is strongly recommended.
•
Connect VLDOIN to VDDQ.
•
Tie VTTSNS to VTT, and remove capacitors from VTT to float.
•
Connect VTTGND to GND.
•
Select MODE2, 3, 4 or 5 shown in Table 2 (Select Non-tracking discharge mode).
•
Maintain a 0.22-µF capacitor connected at VTTREF.
•
Pull down S3 to GND with 1-k
Ω resistance.
Figure 38. Application Circuit When VTT Is Not Required
VDDQ Overvoltage and Undervoltage Protection
The TPS51916 sets the overvoltage protection (OVP) when VDDQSNS voltage reaches a level 20% (typ) higher
than the REFIN voltage. When an OV event is detected, the controller changes the output target voltage to 0 V.
This usually turns off DRVH and forces DRVL to be on. When the inductor current begins to flow through the
low-side MOSFET and reaches the negative OCL, DRVL is turned off and DRVH is turned on, for a minimum on-
time.
After the minimum on-time expires, DRVH is turned off and DRVL is turned on again. This action minimizes the
output node undershoot due to LC resonance. When the VDDQSNS reaches 0 V, the driver output is latched as
DRVH off, DRVL on. VTTREF and VTT are turned off and discharged using the non-tracking discharge
MOSFETs regardless of the tracking mode.
20
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com