Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 5 Page - Texas Instruments

Part # FDMS8680
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 5 Page - Texas Instruments

  FDMS8680 Datasheet HTML 1Page - Texas Instruments FDMS8680 Datasheet HTML 2Page - Texas Instruments FDMS8680 Datasheet HTML 3Page - Texas Instruments FDMS8680 Datasheet HTML 4Page - Texas Instruments FDMS8680 Datasheet HTML 5Page - Texas Instruments FDMS8680 Datasheet HTML 6Page - Texas Instruments FDMS8680 Datasheet HTML 7Page - Texas Instruments FDMS8680 Datasheet HTML 8Page - Texas Instruments FDMS8680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TPS51916
www.ti.com
SLUSAE1D – DECEMBER 2010 – REVISED JUNE 2012
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VV5IN = 5 V, VLDOIN is connected to VDDQ output, VMODE= 0 V, VS3= VS5= 5 V
(unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VDDQ MOSFET DRIVER
Source, IDRVH = –50 mA
1.6
3.0
RDRVH
DRVH resistance
Sink, IDRVH = 50 mA
0.6
1.5
Ω
Source, IDRVL = –50 mA
0.9
2.0
RDRVL
DRVL resistance
Sink, IDRVL = 50 mA
0.5
1.2
DRVH-off to DRVL-on
10
tDEAD
Dead time
ns
DRVL-off to DRVH-on
20
INTERNAL BOOT STRAP SW
VFBST
Forward Voltage
VV5IN-VBST, TA = 25°C, IF = 10 mA
0.1
0.2
V
IVBSTLK
VBST leakage current
TA = 25°C, VVBST = 33 V, VSW = 28 V
0.01
1.5
μA
LOGIC THRESHOLD
IMODE
MODE source current
14
15
16
μA
MODE 0-1
109
129
149
MODE 1-2
235
255
275
MODE 2-3
392
412
432
VTHMODE
MODE threshold voltage
MODE 3-4
580
600
620
mV
MODE 4-5
829
854
879
MODE 5-6
1202
1232
1262
MODE 6-7
1760
1800
1840
VIL
S3/S5 low-level voltage
0.5
VIH
S3/S5 high-level voltage
1.8
V
VIHYST
S3/S5 hysteresis voltage
0.25
IILK
S3/S5 input leak current
–1
0
1
μA
SOFT START
Internal soft-start time, CVREF = 0.1 μF,
tSS
VDDQ soft-start time
1.1
ms
S5 rising to VVDDQSNS > 0.99 × VREFIN
PGOOD COMPARATOR
PGOOD in from higher
106%
108%
110%
PGOOD in from lower
90%
92%
94%
VTHPG
VDDQ PGOOD threshold
PGOOD out to higher
114%
116%
118%
PGOOD out to lower
82%
84%
86%
IPG
PGOOD sink current
VPGOOD = 0.5 V
3
5.9
mA
Delay for PGOOD in
0.8
1
1.2
ms
tPGDLY
PGOOD delay time
Delay for PGOOD out, with 100 mV over drive
330
ns
tPGSSDLY
PGOOD start-up delay
CVREF = 0.1 μF, S5 rising to PGOOD rising
2.5
ms
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com