Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 1 Page - Texas Instruments

Part # FDMS8680
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 1 Page - Texas Instruments

  FDMS8680 Datasheet HTML 1Page - Texas Instruments FDMS8680 Datasheet HTML 2Page - Texas Instruments FDMS8680 Datasheet HTML 3Page - Texas Instruments FDMS8680 Datasheet HTML 4Page - Texas Instruments FDMS8680 Datasheet HTML 5Page - Texas Instruments FDMS8680 Datasheet HTML 6Page - Texas Instruments FDMS8680 Datasheet HTML 7Page - Texas Instruments FDMS8680 Datasheet HTML 8Page - Texas Instruments FDMS8680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
12
17
16
6
15
14
13
11
V5IN
TPS51916
S3
S5
VREF
VBST
DRVH
SW
DRVL
8
10
REFIN
PGND
7
19
GND
MODE
18 TRIP
20
9
2
3
PGOOD
VDDQSNS
VLDOIN
VTT
1
4
5
VTTSNS
VTTGND
VTTREF
UDG-10193
VDDQ
VTT
PGND
S3
S5
PGND
5VIN
PGND
VIN
VTTREF
AGND
AGND
Powergood
PGND
TPS51916
www.ti.com
SLUSAE1D – DECEMBER 2010 – REVISED JUNE 2012
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
Controller, 2-A LDO, Buffered Reference
1
FEATURES
DESCRIPTION
The TPS51916 provides a complete power supply for
2
•
Synchronous Buck Controller (VDDQ)
DDR2, DDR3 and DDR3L memory systems in the
–
Conversion Voltage Range: 3 V to 28 V
lowest total cost and minimum space. It integrates a
–
Output Voltage Range: 0.7 V to 1.8 V
synchronous buck regulator controller (VDDQ) with a
2-A sink/source tracking LDO (VTT) and buffered low
–
0.8% VREF Accuracy
noise reference (VTTREF). The TPS51916 employs
–
Selectable Control Architecture
D-CAP™ mode coupled with 300 kHz/400 kHz
–
D-CAP™ Mode for Fast Transient
frequencies
for
ease-of-use
and
fast
transient
Response
response or D-CAP2™ mode coupled with higher
500 kHz/670 kHz frequencies to support ceramic
–
D-CAP2™ Mode for Ceramic Output
output capacitor without an external compensation
Capacitors
circuit. The VTTREF tracks VDDQ/2 within excellent
–
Selectable 300 kHz/ 400 kHz/ 500 kHz/
0.8%
accuracy.
The
VTT,
which
provides
2-A
670 kHz Switching Frequencies
sink/source peak current capabilities, requires only
–
Optimized Efficiency at Light and Heavy
10-
μF
of
ceramic
capacitance.
In
addition,
a
dedicated LDO supply input is available.
Loads with Auto-skip Function
–
Supports Soft-Off in S4/S5 States
The TPS51916 provides rich useful functions as well
as excellent power supply performance. It supports
–
OCL/OVP/UVP/UVLO Protections
flexible power state control, placing VTT at high-Z in
–
Powergood Output
S3 and discharging VDDQ, VTT and VTTREF (soft-
•
2-A LDO(VTT), Buffered Reference(VTTREF)
off) in S4/S5 state. Programmable OCL with low-side
MOSFET
RDS(on) sensing, OVP/UVP/UVLO and
–
2-A (Peak) Sink and Source Current
thermal shutdown protections are also available.
–
Requires Only 10-
μF of Ceramic Output
Capacitance
The TPS51916 is available in a 20-pin, 3 mm × 3
mm, QFN package and is specified for ambient
–
Buffered, Low Noise, 10-mA VTTREF
temperature from –40°C to 85°C.
Output
–
0.8% VTTREF, 20-mV VTT Accuracy
–
Support High-Z in S3 and Soft-Off in S4/S5
•
Thermal Shutdown
•
20-Pin, 3 mm × 3 mm, QFN Package
APPLICATIONS
•
DDR2/DDR3/DDR3L Memory Power Supplies
•
SSTL_18, SSTL_15, SSTL_135 and HSTL
Termination
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP, D-CAP2 are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - FDMS8680

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8680 FAIRCHILD-FDMS8680 Datasheet
215Kb / 6P
N-Channel PowerTrench짰 MOSFET 30V, 35A, 7.0m廓
logo
Texas Instruments
FDMS8680 TI1-FDMS8680 Datasheet
1,016Kb / 27P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
More results

Similar Description - FDMS8680

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
logo
Texas Instruments
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
logo
Maxim Integrated Produc...
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
logo
Texas Instruments
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
logo
Maxim Integrated Produc...
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com