Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 16 Page - Texas Instruments

Part # FDMS8680
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 16 Page - Texas Instruments

Back Button FDMS8680 Datasheet HTML 12Page - Texas Instruments FDMS8680 Datasheet HTML 13Page - Texas Instruments FDMS8680 Datasheet HTML 14Page - Texas Instruments FDMS8680 Datasheet HTML 15Page - Texas Instruments FDMS8680 Datasheet HTML 16Page - Texas Instruments FDMS8680 Datasheet HTML 17Page - Texas Instruments FDMS8680 Datasheet HTML 18Page - Texas Instruments FDMS8680 Datasheet HTML 19Page - Texas Instruments FDMS8680 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
TPS51916
SLUSAE1D – DECEMBER 2010 – REVISED JUNE 2012
www.ti.com
Power State Control
The TPS51916 has two input pins, S3 and S5, to provide simple control scheme of power state. All of VDDQ,
VTTREF and VTT are turned on at S0 state (S3=S5=high). In S3 state (S3=low, S5=high), VDDQ and VTTREF
voltages are kept on while VTT is turned off and left at high impedance state (high-Z). The VTT output floats and
does not sink or source current in this state. In S4/S5 states (S3=S5=low), all of the three outputs are turned off
and discharged to GND according to the discharge mode selected by MODE pin. Each state code represents as
follow; S0 = full ON, S3 = suspend to RAM (STR), S4 = suspend to disk (STD), S5 = soft OFF. (See Table 1)
Table 1. S3/S5 Power State Control
STATE
S3
S5
VREF
VDDQ
VTTREF
VTT
S0
HI
HI
ON
ON
ON
ON
S3
LO
HI
ON
ON
ON
OFF(High-Z)
S4/S5
LO
LO
OFF
OFF(Discharge)
OFF(Discharge)
OFF(Discharge)
MODE Pin Configuration
The TPS51916 reads the MODE pin voltage when the S5 signal is raised high and stores the status in a register.
A 15-
μA current is sourced from the MODE pin during this time to read the voltage across the resistor connected
between the pin and GND. Table 2 shows resistor values, corresponding control mode, switching frequency and
discharge mode configurations.
Table 2. MODE Selection
RESISTANCE BETWEEN
CONTROL
SWITCHING
MODE NO.
DISCHARGE MODE
MODE AND GND (k
Ω)
MODE
FREQUENCY (kHz)
7
200
400
Tracking
6
100
300
D-CAP™
5
68
300
4
47
400
Non-tracking
3
33
500
2
22
670
D-CAP2™
1
12
670
Tracking
0
1
500
Discharge Control
In S4/S5 state, VDDQ, VTT, and VTTREF outputs are discharged based on the respective discharge mode
selected above. The tracking discharge mode discharges VDDQ output through the internal VTT regulator
transistors enabling quick discharge operation. The VTT output maintains tracking of the VTTREF voltage in this
mode. (Please refer to Figure 29) After 4 ms of tracking discharge operation, the mode changes to non-tracking
discharge. The VDDQ output must be connected to the VLDOIN pin in this mode. The non-tracking mode
discharges the VDDQ and VTT pins using internal MOSFETs that are connected to corresponding output
terminals. The non-tracking discharge is slow compared with the tracking discharge due to the lower current
capability of these MOSFETs. (Please refer to Figure 30)
16
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com