Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 11 Page - Texas Instruments

Part # FDMS8680
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 11 Page - Texas Instruments

Back Button FDMS8680 Datasheet HTML 7Page - Texas Instruments FDMS8680 Datasheet HTML 8Page - Texas Instruments FDMS8680 Datasheet HTML 9Page - Texas Instruments FDMS8680 Datasheet HTML 10Page - Texas Instruments FDMS8680 Datasheet HTML 11Page - Texas Instruments FDMS8680 Datasheet HTML 12Page - Texas Instruments FDMS8680 Datasheet HTML 13Page - Texas Instruments FDMS8680 Datasheet HTML 14Page - Texas Instruments FDMS8680 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
6
8
10
12
14
16
18
20
22
Input Voltage (V)
IVDDQ = 0 A
IVDDQ = 20 A
RMODE = 200 kΩ
0.730
0.735
0.740
0.745
0.750
0.755
0.760
0.765
0.770
−10
−5
0
5
10
VTTREF Current (mA)
VVDDQ = 1.5 V
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
VDDQ Output Current (A)
VVDDQ = 1.20 V
VVDDQ = 1.35 V
VVDDQ = 1.50 V
RMODE = 1 kΩ
VIN = 12 V
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
0
2
4
6
8
10
12
14
16
18
20
VDDQ Output Current (A)
RMODE = 200 kΩ
VIN = 12 V
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
12
14
16
18
20
VDDQ Output Current (A)
VVDDQ = 1.20 V
VVDDQ = 1.35 V
VVDDQ = 1.50 V
RMODE = 200 kΩ
VIN = 12 V
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
VDDQ Output Current (A)
VVDDQ = 1.20 V
VVDDQ = 1.35 V
VVDDQ = 1.50 V
RMODE = 1 kΩ
VIN = 12 V
TPS51916
www.ti.com
SLUSAE1D – DECEMBER 2010 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS (continued)
Figure 13. Switching Frequency vs Load Current
Figure 14. Switching Frequency vs Load Current
Figure 15. Switching Frequency vs Load Current
Figure 16. Load Regulation
Figure 17. Line Regulation
Figure 18. VTTREF Load Regulation
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com