| Electronic Components Datasheet Search |
|
MPXD2005VLU80R Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPXD2005VLU80R Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc |
|
59 / 130 page ![]() PP[12] — — Reserved — — — — — — — — PP[13] — — Reserved — — — — — — — — PP[14] — — Reserved — — — — — — — — PP[15] — — Reserved — — — — — — — — 1 Alternate functions are chosen by setting the values of the PCR[PA] bitfields inside the SIUL module. PCR[PA] = 00 selects Option 0 PCR[PA] = 01 selects Option 1 PCR[PA] = 10 selects Option 2 PCR[PA] = 11 selects Option 3 This is intended to select the output functions. To use one of the input functions, the PCR[IBE] bit must be written to ‘1’, regardless of the values selected in the PCR[PA] bitfields. For this reason, the value corresponding to an input only function is reported as “—”. 2 Special functions are enabled independently from the standard digital pin functions. Enabling standard I/O functions in the PCR registers may interfere with their functionality. ADC functions are enabled using the PCR[APC] bit; other functions are enabled by enabling the respective module. 3 Using the PSMI registers in the System Integration Unit Lite (SIUL), different pads can be multiplexed to the same peripheral input. Please see the SIUL chapter of the PXD20 Microcontroller Reference Manual for details. 4 See the “Pad types” section for an explanation of the letters in this column. 5 Reset configuration is given as I/O direction and pull, e.g., “Input, pullup”. 6 Out of reset pins PH[0:3] are available as JTAG pins (TCK, TDI, TDO and TMS respectively). It is up to the user to configure pins PH[0:3] when needed. Table 7. Port pin summary (continued) Port pin PCR Alternate function1 Function Special function2 Peripheral3 I/O direction Pad Type4 RESET config5 Pin number 176 LQFP 208 LQFP 416 TEPBGA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |