Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXD2005VLU80R Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPXD2005VLU80R
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD2005VLU80R Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPXD2005VLU80R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 16Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 17Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 18Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 19Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
16
1.4.18
Video Input Unit (VIU2)
The VIU2 is a crossbar master module accepting an ITU656 compatible video input stream on a parallel interface, converting
the pixel data to RGB or YUV format and transferring the video image to internal frame buffer memory or external DRAM if
available.
•
Supports 8-bit/10-bit ITU656 video input
•
Output formats:
— RGB888
— RGB565
— 8-bit monochrome
— YCrCb 4:2:2
•
Video downscaling
•
Contrast and Brightness adjustment
•
De-interlace for interlaced video image
•
Internal DMA engine for data transfer to memory
1.4.19
Boot assist module (BAM)
The BAM is a block of read-only memory that is programmed once by Freescale. The BAM program is executed every time
the MCU is powered-on or reset in normal mode. The BAM supports different modes of booting. They are:
•
Booting from internal flash memory
•
Serial boot loading (A program is downloaded into RAM via CAN or LIN and then executed)
•
Booting from external memory
Additionally the BAM:
•
Enables and manages the transition of the MCU from reset to user code execution
•
Configures device for serial bootload
•
Enables multiple bootcode starting locations out of reset through implementation of search for valid Reset
Configuration Halfword
•
Enables or disables software watchdog timer out of reset through BAM read of Reset Configuration Halfword option
bit
1.4.20
Enhanced Modular Input/Output System (eMIOS)
This device has two eMIOS modules, each with 16 channels supporting a range of 16-bit Input Capture, Output Compare, Pulse
Width Modulation, and Quadrature Decode functions.
•
Selectable clock source from primary FMPLL, secondary FMPLL, external 4–16 MHz oscillator or 16 MHz Internal
RC oscillator on a per module basis
•
Timed I/O channels with 16-bit counter resolution
•
Buffered updates
•
Support for shifted PWM outputs to minimize occurrence of concurrent edges
•
Edge aligned output pulse width modulation
— Programmable pulse period and duty cycle
— Supports 0% and 100% duty cycle
— Shared or independent time bases
•
Programmable phase shift between channels
•
4 channels of Quadrature Decode
•
DMA transfer support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com