Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXD2005VLU80R Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MPXD2005VLU80R
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD2005VLU80R Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MPXD2005VLU80R Datasheet HTML 94Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 95Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 96Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 97Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 98Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 99Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 100Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 101Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
98
4.17.2
AC specification for CMOS090LP2fg library @ VDDE = 5.0 V
4.17.3
AC specification for CMOS090LP2fg library @ VDDE = 3.3 V
Table 46. Functional pad type AC specifications
Name
C
Prop. delay (ns)
L>H / H>L1
1 L>H signifies low-to-high propagation delay and H>L signifies high-to-low propagation delay.
Rise/fall edge (ns)
Drive load
(pF)
Drive/slew
rate select
MinMax
MinMax
MSB, LSB
pad_msr_hv2
2 For input buffer timing, look at pad_i_hv.
C
4.6 / 3.7
12 / 12
2.2 / 2.2
5.3 / 5.9
50
113
3 Can be used on the tester.
13 / 10
32 / 32
9 / 9
22 / 22
200
N/A
104
4 This drive select value is not supported. If selected, it will be approximately equal to 11.
12 / 13
28 / 34
5.6 / 6
12 / 15
50
01
23 / 23
52 / 59
11 / 14
28 / 31
200
69 / 71
152 / 165
34 / 35
70 / 74
50
00
95 / 90
205 / 220
44 / 51
96 / 96
200
pad_ssr_hv2
C
7.3 / 5.7
19 / 18
4.4 / 4.3
10 / 11
50
113
24 / 19
58 / 58
17 / 15
40 / 42
200
N/A
104
26 / 27
61 / 69
13 / 13
30 / 34
50
01
49 / 45
115 / 115
27 / 23
61 / 61
200
137 / 142
320 / 330
72 / 74
156 / 164
50
00
182 / 172
420 / 420
90 / 85
200 / 200
200
pad_i_hv
C
0.5 / 0.5
1.9 / 1.9
0.3 / 0.3
1.5 / 1.5
0.5
N/A
Table 47. Functional pad AC type specifications
Name
Prop. delay (ns)
L>H / H>L
Rise/fall edge (ns)
Drive load
(pF)
Drive/slew
rate select
Min
Max
Min
Max
MSB, LSB
pad_msr_hv
5.8 / 4.4
18 / 17
2.7 / 2.1
7.6 / 8.5
50
11
16 / 13
46 / 49
11.2 / 8.6
30 / 34
200
N/A
10
14 / 16
37 / 45
6.5 / 6.7
15.5 / 19
50
01
27 / 27
69 / 82
15 / 13
38 / 43
200
83 / 86
200 / 210
38 / 38
86 / 86
50
00
113 / 109
270 / 285
53 / 46
120 / 120
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com