Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXD2005VLU80R Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPXD2005VLU80R
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD2005VLU80R Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPXD2005VLU80R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
— 208 LQFP, 0.5 mm pitch, 28 mm
 28 mm outline
— 416 TEPBGA, 1mm ball pitch, 27 mm
 27 mm outline
1.4
Feature details
1.4.1
Low-power operation
The PXD20 is designed for optimized low-power operation and dynamic power management of the CPU and peripherals.
Power management features include software-controlled clock gating of peripherals and multiple power domains to minimize
leakage in low-power modes.
There are three low-power modes:
•
STANDBY
•STOP
•
HALT
and five dynamic power modes — RUN[0..3] and DRUN. All low-power modes use clock gating to halt the clock for all or part
of the device.
STANDBY mode turns off the power to the majority of the chip to offer the lowest power consumption mode.
The device can be awakened from STANDBY mode via from any of up to 23 I/O pins, a reset or from a periodic wake-up using
a low power oscillator. If required, it is possible to enable the internal 16 MHz oscillator, the external 4–16 MHz oscillator and
the external 32 KHz oscillator.
In STANDBY mode the contents of the CPU, on-chip peripheral registers and potentially some of the volatile memory are lost.
The two possible configurations in STANDBY mode are:
•
The device retains 64 KB of the on-chip SRAM, but the content of the graphics SRAM is lost.
•
The device retains 8 KB of the on-chip SRAM, but the content of the graphics SRAM is lost.
STOP mode maintains power to the entire device allowing the retention of all on-chip registers and memory, and providing a
faster recovery low power mode than the lowest-power STANDBY mode. There is no need to reconfigure the device before
executing code. The clocks to the CPU and peripherals are halted and can be optionally stopped to the oscillator or PLL at the
expense of a slower start-up time.
STOP is entered from RUN mode only. Wake-up from STOP mode is triggered by an external event or by the internal periodic
wake-up, if enabled.
RUN modes are the main operating modes where the entire device can be powered and clocked and from which most processing
activity is done. Four dynamic RUN modes are supported—RUN0 - RUN3. The ability to configure and select different RUN
modes enables different clocks and power configurations to be supported with respect to each other and to allow switching
between different operating conditions. The necessary peripherals, clock sources, clock speed and system clock prescalers can
be independently configured for each of the four RUN modes of the device.
HALT mode is a reduced activity, low power mode intended for moderate periods of lower processing activity. In this mode the
CPU system clocks are stopped but user-selected peripheral tasks can continue to run. It can be configured to provide more
efficient power management features (switch-off PLL, flash memory, main regulator, etc.) at the cost of longer wake up latency.
The system returns to RUN mode as soon as an event or interrupt is pending.
Table 2 summarizes the operating modes of the PXD20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com