Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXD2005VLU80R Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPXD2005VLU80R
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD2005VLU80R Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPXD2005VLU80R Datasheet HTML 69Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 70Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 71Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 72Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 73Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 75Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 76Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
73
4.7.3
Low voltage domain power consumption
Table 20 provides DC electrical characteristics for significant application modes. These values are indicative values; actual
consumption depends on the application.
Table 19. Low voltage monitor electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3V ±10% / 5.0V ± 10%, TA = –40 to 105°C, unless otherwise specified.
Value2
2 All values need to be confirmed during device validation.
Unit
SpecID
Min
Typ
Max
VPORH
CC C Power-on reset threshold
TA = 25°C,
after trimming
1.5
—
2.7
V
D5.11
VLVDHV3H
CC C LVDHV3 low voltage detector high threshold
—
—
2.8
D5.12
VLVDHV3L
CC C LVDHV3 low voltage detector low threshold
2.7
—
—
D5.13
VLVDHV5H
CC C LVDHV5 low voltage detector high threshold
—
—
4.37
D5.14
VLVDHV5L
CC C LVDHV5 low voltage detector low threshold
4.2
—
—
D5.15
VLVDLVCORH CC C LVDLVCOR low voltage detector high threshold
—
—
1.185
D5.16
VLVDLVCORL CC C LVDLVCOR low voltage detector low threshold
1.095
—
—
D5.17
Table 20. DC electrical characteristics
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
IDDMAX
2
CC D RUN mode maximum
average current
—
—
—
250 276.633 mA
IDDRUN
4
CC
P RUN mode typical
average current5
fCPU = 125 MHz, Dual Display Drive
with external DRAM, 416 TEPBGA
package option only
——
275
—
mA
fCPU = 125 MHz, Single Display Drive,
no external DRAM, 176 LQFP / 208
LQFP package options
——
240
—
IDDHALT
CC C HALT mode current6
Slow internal RC oscillator (128 kHz)
running
TA = 25
oC
—
17.5
21.5
mA
PTB = 105
oC
—
35
43.5
IDDSTOP
CC D STOP mode current7
Slow internal RC oscillator (128 kHz)
running
TA = –40
oC—
645
—
A
DTA = 0
oC
—
1100
—
PTA = 25
oC
—
1531
1615
DTA = 55
oC—
3.8
—
mA
DTA = 85
oC—
9.7
—
PTA = 105
oC
— 17.67
18.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com