Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXD2005VLU80R Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPXD2005VLU80R
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD2005VLU80R Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPXD2005VLU80R Datasheet HTML 81Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 82Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 83Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 84Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 85Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 86Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 87Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 88Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
85
Table 36. Reset electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3V ±10% / 5.0V ±10%, TA = –40 to +105
oC, unless otherwise specified
Value2
2 All values need to be confirmed during device validation.
Unit SpecID
Min
Typ
Max
VIH
SR P Input High Level CMOS
Schmitt Trigger
—0.65 VDD —VDD +0.4
V
D8.1
VIL
SR P Input low Level CMOS
Schmitt Trigger
—
–0.4
—
0.35 VDD
VD8.2
VHYS
CC3
3 Data based on characterization results, not tested in production
D Input hysteresis CMOS
Schmitt Trigger
—0.1 VDD
——
V
D8.3
VOL
CC4
4 Guaranteed by design simulation.
P Output low level
Push Pull, IOL = 2mA,
VDD = 5.0V ± 10%, ipp_hve = 0
(recommended)
——
0.1 VDD
VD8.4
DPush Pull, IOL = 1mA,
VDD = 5.0V ± 10%, ipp_hve = 1
5
5 This is a transient configuration during power-up, up to the end of reset PHASE2 (refer to RGM module section of the reference
manual).
——
0.1 VDD
CPush Pull, IOL = 1mA,
VDD = 3.3V ± 10%, ipp_hve = 1
(recommended)
——
0.5
Ttr
CC4 T Output transition time output pin6
MEDIUM configuration
6 C
L calculation should include device and package capacitance (CPKG < 5pF).
CL = 25pF,
VDD = 5.0V ± 10%, ipp_hve = 0
—
—
10
ns
D8.5
CL = 50pF,
VDD = 5.0V ± 10%, ipp_hve = 0
——
20
CL = 100pF,
VDD = 5.0V ± 10%, ipp_hve = 0
——
40
CL = 25pF,
VDD = 3.3V ± 10%, ipp_hve = 1
——
12
CL = 50pF,
VDD = 3.3V ± 10%, ipp_hve = 1
——
25
CL = 100pF,
VDD = 3.3V ± 10%, ipp_hve = 1
——
40
WFRST SR P RESET Input Filtered Pulse
—
—
—
70
ns
D8.6
WNFRST SR P RESET Input Not Filtered Pulse
—
400
—
—
ns
D8.7
|IWPU|CC
4 P Weak pullup current absolute val-
ue
—10
—
—
µA
D8.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com