Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXD2005VLU80R Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPXD2005VLU80R
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD2005VLU80R Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPXD2005VLU80R Datasheet HTML 82Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 83Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 84Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 85Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 86Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 87Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 88Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 89Page - Freescale Semiconductor, Inc MPXD2005VLU80R Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
86
4.10
Fast external crystal oscillator (4–16 MHz) electrical
characteristics
This device implements the fast external oscillator (FXOSC) using a low power Loop Controlled Pierce Oscillator (LCP)
configuration.
Table 37. Fast external crystal oscillator electrical characteristics
Symbol
Parameter
Conditions
Value
Unit
SpecID
Min
Typ
Max
fOSC
C
Crystal oscillator range
Loop controlled Pierce
4.0
—
16
MHz
O9.1
iOSC
P
Startup current
—
100
—
µA
O9.2
—
tUPOSC
C
Oscillator start-up time
Loop controlled Pierce
41
1 f
OSC = 4 MHz, C = 22 pF
502
2 Maximum value is for extreme cases using high Q, low frequency crystals
ms
O9.3
tCQOUT
D
Clock quality check time-out
—
0.45
—
2.5
s
O9.4
fCMFA
D
Clock monitor failure assert
frequency
—
200
400
800
kHz
O9.5
fEXT
D
External square wave input
frequency2
—
2.0
—
50
MHz
O9.6
tEXTL
D
External square wave pulse
width low
—
9.5
—
—
ns
O9.7
tEXTH
D
External square wave pulse
width high
—
9.5
—
—
ns
O9.8
tEXTR
D
External square wave rise time
—
—
—
1
ns
O9.9
tEXTF
D
External square wave fall time
—
—
—
1
ns
O9.10
CIN
D
Input capacitance
EXTAL and XTAL pins
—
7
—
pF
O9.11
VIH,EXTAL
P
EXTAL pin input high voltage2
—0.75
VDDPLL
——
V
O9.12
T—
—
VDDPLL
+0.3
VIL,EXTAL
P
EXTAL pin input low voltage2
——
—
0.25
VDDPLL
VO9.13
TVSSPLL
–0.3
——
VHYS,EXTAL
C
EXTAL pin input hysteresis2
—
180
—
mV
O9.14
VPP,EXTAL
C
EXTAL pin oscillation amplitude
Loop controlled Pierce
—
1.0
—
V
O9.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com