Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5002 Datasheet(PDF) 35 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 35 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 31Page - Richtek Technology Corporation RT5002 Datasheet HTML 32Page - Richtek Technology Corporation RT5002 Datasheet HTML 33Page - Richtek Technology Corporation RT5002 Datasheet HTML 34Page - Richtek Technology Corporation RT5002 Datasheet HTML 35Page - Richtek Technology Corporation RT5002 Datasheet HTML 36Page - Richtek Technology Corporation RT5002 Datasheet HTML 37Page - Richtek Technology Corporation RT5002 Datasheet HTML 38Page - Richtek Technology Corporation RT5002 Datasheet HTML 39Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
RT5002
35
DS5002-00
November 2011
www.richtek.com
I
2C Interface
The RT5002 I
2C slave address is by default = 0011000
(7bits), but if customers request, the slave address can
be changed to 0011010 (7bits). The I
2C interface supports
fast mode (bit rate up to 400kb/s). The write or read bit
stream (N>=1) is shown below :
I
2C Register File
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Meaning
MOD7
SEQ56
EN56
EN7_DIM7 [4:0]
Default
0
0
0
0
0
0
0
0
0x0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Meaning
TIMER [3:0]
ENCH
JEITA
ISET
VSET
Default
0
1
0
0
0
0
0
0
0x1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Meaning
ISETU
ISETL
USUS
NoBAT
EOC
PGOOD
TS_FAULT
SAFE
Default
1
0
0
0
0
0
0
0
0x2
Read/Write
R/W
R/W
R/W
R
R
R
R
R
Reset after EN1234 = L and PMU shutdown completely.
SDA
SCL
tF
tLOW
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tSU;STA
tHD;STA
tSP
tBUF
tSU;STO
P
S
tR
Sr
S
tF
tR
Driven by Master,
Driven by Slave (RT5002),
Start,
Repeat Start
Stop,
S
Sr
P
Write N bytes
S
Slave Address
0
A
Register Address
A MSB
Data 1
LSB
A MSB
Data 2
LSB
A
Data for Address = m + N - 1
Assume Address = m
Data for Address = m
Data for Address = m + 1
R/W
Read N bytes
R/W
Assume Address = m
Data for Address = m
Data for Address = m + N - 1
Data for Address = m+1
S
Slave Address
0
A
Register Address
Sr
A
Slave Address
1
A
A
MSB
Data 1
LSB
MSB
Data 2
LSB A
MSB
Data N
LSB A
P
MSB
Data N
LSB A P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com