Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5002 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 7Page - Richtek Technology Corporation RT5002 Datasheet HTML 8Page - Richtek Technology Corporation RT5002 Datasheet HTML 9Page - Richtek Technology Corporation RT5002 Datasheet HTML 10Page - Richtek Technology Corporation RT5002 Datasheet HTML 11Page - Richtek Technology Corporation RT5002 Datasheet HTML 12Page - Richtek Technology Corporation RT5002 Datasheet HTML 13Page - Richtek Technology Corporation RT5002 Datasheet HTML 14Page - Richtek Technology Corporation RT5002 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
RT5002
11
DS5002-00
November 2011
www.richtek.com
To be continued
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reference
VREF Output Voltage
VREF
1.77
1.8
1.83
V
(VREF-FB6) Regulation Voltage
1.182
1.2
1.218
V
VREF Load Regulation
0
μA < IREF < 200μA
--
--
10
mV
Power Switch
P-MOSFET, VPVD1 = 3.3V
--
200
300
CH1 On Resistance of MOSFET
N-MOSFET, VPVD1 = 3.3V
--
150
250
m
Ω
CH1 Current Limitation (Step-Up)
2.2
3
4
A
P-MOSFET, VPVD2 = 3.3V
--
200
300
CH2 On Resistance of MOSFET
N-MOSFET, VPVD2 = 3.3V
--
150
250
m
Ω
CH2 Current Limitation (Step-Down)
1.4
1.8
2.2
A
P-MOSFET, VPVD3 = 3.3V
--
300
400
CH3 On Resistance of MOSFET
N-MOSFET, VPVD3 = 3.3V
--
300
400
m
Ω
CH3 Current Limitation (Step-Down)
1.2
1.6
2
A
P-MOSFET, VPVD4 = 3.3V
--
300
400
CH4 On Resistance of MOSFET
N-MOSFET, VPVD4 = 3.3V
--
300
400
m
Ω
CH4 Current Limitation (Step-Down)
1.2
1.6
2
A
CH5 On Resistance of P-MOSFET
VPVD5 = 16V
--
1.1
1.5
Ω
CH5 On Resistance of N-MOSFET
VDDM = 3.3V
--
0.6
0.8
Ω
CH5 Current Limitation (Step-Up)
N-MOSFET
0.9
1.2
1.6
A
CH6 On Resistance of MOSFET
P-MOSFET, VPVD6 = 3.3V
--
0.5
0.7
Ω
CH6 Current Limitation (Inverting)
P-MOSFET
1
1.5
2
A
CH7 On Resistance of P-MOSFET
VPVD7 = 10V
--
2.0
3.0
Ω
CH7 On Resistance of N-MOSFET
VDDM = 3.3V
--
0.9
1.1
Ω
CH7 Current Limitation (Step-Up)
N-MOSFET
0.6
0.8
1
A
Protection
Over Voltage Protection of PVD1
5.82
6.0
6.18
V
Over Voltage Protection of PVD5
20
22
24
V
Over Voltage Protection of VOUT6
--
−13
--
V
Over Voltage Protection of PVD7
(Step-Up mode)
14.2
15
16
V
CH1 Step-Up Under Voltage
Protection of PVD1
--
VSYS
−0.8V
--
V
CH1/2/3/4 Under Voltage Protection
At VFBx < 0.4V after soft-start
ends
0.35
0.4
0.45
V
CH5 Under Voltage Protection
At VFB5 < 0.6V after soft-start
ends
0.5
0.6
0.7
V
CH6 Under Voltage Protection
At VFB6 > 1.2V after soft-start end
1.1
1.2
1.3
V
CH1/2/3/4 Overload Protection
At VFBx < 0.72V after fault delay
(100ms)
0.65
0.7
0.75
V
CH5 Overload Protection
At VFB5 < 1.1V after fault delay
(100ms)
1.05
1.1
1.15
V
CH6 Overload Protection
At VFB6 > 0.74V after fault delay
(100ms)
0.69
0.74
0.79
V
Protection Fault Delay
--
100
--
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com