Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5002 Datasheet(PDF) 24 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 24 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 20Page - Richtek Technology Corporation RT5002 Datasheet HTML 21Page - Richtek Technology Corporation RT5002 Datasheet HTML 22Page - Richtek Technology Corporation RT5002 Datasheet HTML 23Page - Richtek Technology Corporation RT5002 Datasheet HTML 24Page - Richtek Technology Corporation RT5002 Datasheet HTML 25Page - Richtek Technology Corporation RT5002 Datasheet HTML 26Page - Richtek Technology Corporation RT5002 Datasheet HTML 27Page - Richtek Technology Corporation RT5002 Datasheet HTML 28Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
RT5002
24
DS5002-00
November 2011
www.richtek.com
Application Information
Power Converter Unit
The RT5002 is an integrated power system for digital still
cameras and other small handheld devices. It includes
six DC/DC converters as well as one WLED driver, one
RTC LDO, and a fully integrated single-cell Li-ion battery
charger ideal for portable applications.
CH1 : Step-up synchronous current mode DC/DC converter
with internal power MOSFETs and compensation network.
The P-MOSFET body can be controlled to disconnect the
load. It is suitable for providing power to the motor.
CH2 to CH4 : Step-down synchronous current mode DC/
DC converter with internal power MOSFETs and
compensation network. These channels supply the power
for I/O, DRAM, and core. They can be operated at 100%
maximum duty cycle to extend battery operating voltage
range. When the input voltage is close to the output
voltage, the converter enters low dropout mode with low
output ripple.
CH5 : High voltage step-up synchronous current mode
DC/DC converter with internal power MOSFET and
compensation network. The P-MOSFET body can be
controlled to disconnect the load. This channel supplies
the CCD+ bias.
CH6 : Asynchronous inverting current mode DC/DC
converter with internal power MOSFET and compensation
network. An external Schottky diode is required. This
channel supplies the CCD
− bias.
CH7 : WLED driver operating in either current source mode
or synchronous step-up mode with internal power
MOSFET and compensation network. The operation mode
is determined via the I2C interface. The P-MOSFET body
in step-up mode can be controlled to disconnect the load.
CH1 to CH4 operate in PWM mode with 2MHz, while
CH5 to CH7 operate in PWM mode with 1MHz switching
frequency.
RTC_LDO : 3.3V output LDO with low quiescent current
and reverse leakage prevention from output node.
Output Voltage Design Equation of CH1 to CH4 :
The output voltage can be set by the following equation :
VOUT = (1 + RH / RL) x VFB
where VFB is 0.8V typically, RH is R1, R3, R5, and R7
respectively for CH1 to 4, and RL is R2, R4, R6, and R8
respectively for CH1 to 4.
Output Voltage Design Equation of CH5 :
The output voltage can be set by the following equation :
VOUT_CH5 = (1 + R9 / R10) x VFB5
where VFB5 is 1.25V typically.
Output Voltage Design Equation of CH6 :
The output voltage can be set by the following equation :
VOUT_CH6 =
−(R11 / R12) x (1.2V) + 0.6V
where R11 and R12 are the feedback resistors connected
to FB6, 1.2V equals to (VREF
− VFB6), and 0.6V is the
typical value of VFB6.
Reference Voltage
The RT5002 provides a precise 1.8V reference voltage,
VREF, with sourcing capability of 100
μA. Connect a 0.1μF
ceramic capacitor from the VREF pin to GND. Reference
voltage is enabled by I2C register bit EN56 = 1.
Furthermore, this reference voltage is internally pulled to
GND at shutdown.
CH5 and CH6 Power Sequence :
CH5 and CH6 are enabled together via I2C interface and
their power on sequence can be chosen via I2C register
setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com