Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5002 Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 21Page - Richtek Technology Corporation RT5002 Datasheet HTML 22Page - Richtek Technology Corporation RT5002 Datasheet HTML 23Page - Richtek Technology Corporation RT5002 Datasheet HTML 24Page - Richtek Technology Corporation RT5002 Datasheet HTML 25Page - Richtek Technology Corporation RT5002 Datasheet HTML 26Page - Richtek Technology Corporation RT5002 Datasheet HTML 27Page - Richtek Technology Corporation RT5002 Datasheet HTML 28Page - Richtek Technology Corporation RT5002 Datasheet HTML 29Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
RT5002
25
DS5002-00
November 2011
www.richtek.com
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Meaning
MOD7
SEQ56
EN56
EN7_DIM7 [4:0]
Default
0
0
0
0
0
0
0
0
0x0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
1
CH7 in step-up mode
MOD7
0
CH7 in current source mode
1
CH5/6 power on sequence is CH5
CH6, power off sequence is CH6
CH5
SEQ56
0
CH5/6 power on sequence is CH6
CH5, power off sequence is CH5
CH6
1
Enable (turn on) CH5 and CH6 by preset sequence
EN56
0
Disable (turn off) CH5 and CH6 by preset
Enable CH7 and define FB7 regulation voltage
00000
Ch7 turn off
EN7_DIM7
[4:0]
00001 to
11111
Ch7 turn on and dimming ratio : VFB7 = EN7_DIM7 [4:0] / 31 x 0.25V
CH7 : WLED Driver
CH7 is a WLED driver that can operate in either current
source mode or synchronous step-up mode, as determined
by the I
2C interface. When CH7 works in current source
mode, it sources an LED current out of LX7 pin and
regulates the current by FB7 voltage. The LED current is
defined by the FB7 voltage as well as the external resistor
SEQ56 = 1
SEQ56 = 0
between FB7 and GND. The FB7 regulation voltage can
be set in 31 steps from 8mV to 250mV, typically, via I
2C
interface. If CH7 works in synchronous step-up mode, it
integrates synchronous step-up mode with an internal
MOSFET and internal compensation to output a voltage
up to 15V. The LED current is also set via an external
resistor and FB7 regulation voltage.
CH5 VOUT
10ms
18ms
CH6 VOUT
Constant Current Pre-Charge.
Wait until VOUT6 > -0.12V
5ms
EN56
CH5 VOUT
10ms
16ms
CH6 VOUT
Constant
Current Pre-
Charge.
Wait until VOUT5 < 0.5V
5ms
EN56
2ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com