Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5002 Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 15Page - Richtek Technology Corporation RT5002 Datasheet HTML 16Page - Richtek Technology Corporation RT5002 Datasheet HTML 17Page - Richtek Technology Corporation RT5002 Datasheet HTML 18Page - Richtek Technology Corporation RT5002 Datasheet HTML 19Page - Richtek Technology Corporation RT5002 Datasheet HTML 20Page - Richtek Technology Corporation RT5002 Datasheet HTML 21Page - Richtek Technology Corporation RT5002 Datasheet HTML 22Page - Richtek Technology Corporation RT5002 Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
RT5002
19
DS5002-00
November 2011
www.richtek.com
Time (5ms/Div)
Power Off
VBAT = 3.7V, SEQ56 = 0
VOUT_CH5
(10V/Div)
VOUT_CH6
(5V/Div)
Time (500ns/Div)
CH4 Output Voltage Ripple
LX4
(2V/Div)
VOUT_CH4_ac
(5mV/Div)
IOUT = 400mA, COUT = 10
μF, L = 2.2μH
VBAT = 3.7V, VOUT = 1V
Time (500ns/Div)
CH3 Output Voltage Ripple
LX3
(2V/Div)
VOUT_CH3_ac
(5mV/Div)
VBAT = 3.7V, VOUT = 1.8V
IOUT = 400mA, COUT = 10
μF, L = 2.2μH
Time (500ns/Div)
CH2 Output Voltage Ripple
LX2
(2V/Div)
VOUT_CH2_ac
(5mV/Div)
VBAT = 3.7V, VOUT = 3.3V
IOUT = 400mA, COUT = 10
μF, L = 2.2μH
Time (500ns/Div)
CH1 Output Voltage Ripple
LX1
(2V/Div)
VOUT_CH1_ac
(10mV/Div)
VBAT = 3.7V, VOUT = 5V
IOUT = 400mA, COUT = 10
μF x 2, L = 2.2μH
Time (1
μs/Div)
CH5 Output Voltage Ripple
LX5
(5V/Div)
VOUT_CH5_ac
(10mV/Div)
IOUT = 30mA, COUT = 10
μF x 2, L = 10μH
VBAT = 3.7V, VOUT = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com