Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5002 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 11Page - Richtek Technology Corporation RT5002 Datasheet HTML 12Page - Richtek Technology Corporation RT5002 Datasheet HTML 13Page - Richtek Technology Corporation RT5002 Datasheet HTML 14Page - Richtek Technology Corporation RT5002 Datasheet HTML 15Page - Richtek Technology Corporation RT5002 Datasheet HTML 16Page - Richtek Technology Corporation RT5002 Datasheet HTML 17Page - Richtek Technology Corporation RT5002 Datasheet HTML 18Page - Richtek Technology Corporation RT5002 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
RT5002
15
DS5002-00
November 2011
www.richtek.com
Note 1. Stresses listed as the above
"Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Guaranteed by design.
Note 3.
θJA is measured in natural convection at TA = 25°C on a high-effective thermal conductivity four-layer test board of
JEDEC 51-7 thermal measurement standard. The measurement case position of
θJC is on the exposed pad of the
package.
Note 4. Devices are ESD sensitive. Handling precaution is recommended.
Note 5. The device is not guaranteed to function outside its operating conditions.
(VDDM = 3.3V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Logic Inputs (SDA SCL)
Logic-High
2.0
--
--
SDA, SCL Input
Threshold Voltage
Logic-Low
--
--
0.8
V
I
2
C Timing Characteristics
SCL Clock Rate
fSCL
VDDM = 3.3V
--
--
400
kHz
Hold Time (Repeated) START
Condition. After this period, the
first clock pulse is generated
tHD;STA
0.6
--
--
μs
LOW Period of SCL Clock
tLOW
1.3
--
--
μs
HIGH Period of SCL Clock
tHIGH
0.6
--
--
μs
Set-up Time for Repeated START
Condition
tSU;STA
0.6
--
--
μs
Data Hold Time
tHD;DAT
0
--
0.9
μs
Data Set-up Time
tSU;DAT
100
--
--
ns
Set-up Time for STOP Condition
tSU;STO
0.6
--
--
μs
Bus Free Time between a STOP
and START Condition
tBUF
1.3
--
--
μs
Rise Time of both SDA and SCL
Signals
tR
20
--
300
ns
Fall Time of both SDA and SCL
Signals
tF
20
--
300
ns
SDA and SCL Output Low Sink
Current
IOL
SDA or SCL Voltage = 0.4V
2
--
--
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com