Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5002 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT5002 Datasheet HTML 1Page - Richtek Technology Corporation RT5002 Datasheet HTML 2Page - Richtek Technology Corporation RT5002 Datasheet HTML 3Page - Richtek Technology Corporation RT5002 Datasheet HTML 4Page - Richtek Technology Corporation RT5002 Datasheet HTML 5Page - Richtek Technology Corporation RT5002 Datasheet HTML 6Page - Richtek Technology Corporation RT5002 Datasheet HTML 7Page - Richtek Technology Corporation RT5002 Datasheet HTML 8Page - Richtek Technology Corporation RT5002 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
RT5002
5
DS5002-00
November 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
INT
Interrupt Indicator Open Drain Output. If any toggle events of TS_FAULT, PGOOD,
EOC, or SAFE happen, the output INT goes low. After I
2
C register bank address
0x2 is read or power on reset, INT goes high.
2
FB1
Feedback Input of CH1.
3
VDDM
IC Analog Power Pin.
4
FB7
Feedback Input of CH7 in Step-Up Mode or Current Sink Pin of CH7 in Current
Source Mode.
5
PVD7
Power Output of CH7
6
LX7
Switch Node of CH7 in Step-Up Mode.
7
BATS
Output pin of voltage divider for battery voltage level sensing enabled after CH2
soft-start end. BATS voltage is about 60% of BAT.
8
LX4
Switch Node of CH4.
9
PVD4
Power Input of CH4.
10
FB4
Feedback Input of CH4.
11
ISETA
Charge Current Set Input. Connect a resistor (RISETA) between ISETA and GND.
12
TS
Temperature Sense Input. The TS pin connects to a battery’s thermistor to
determine whether the battery is too hot or too cold to be charged. If the battery’s
temperature is out of range, charging is paused until it re-enters the valid range.
TS also detects whether the battery (with NTC) is present or not.
13
VP
Power Output of 3.3V Buffer for Battery Temperature Sensing.
14
SDA
Data Signal Pin of I
2
C Interface.
15
SCL
Clock Signal Pin of I
2
C Interface.
16
PVD6
Power Input of CH6.
17
LX6
Switch Node of CH6.
18
VOUT6
Sense Input of CH6 Inverting Output Node.
19
FB6
Feedback Input of CH6.
20
VREF
1.8V Reference Output.
21
FB3
Feedback Input of CH3.
22
PVD3
Power Input of CH3.
23
LX3
Switch Node of CH3.
24
EN1234
Enable Pin of CH1, CH2, CH3, and CH4.
25
FB5
Feedback Input of CH5.
26
PVD5
Power Output of CH5.
27
LX5
Switch Node of CH5.
28
TSSEL
Input Pin to Select Temperature Sensing Thresholds. Thresholds of TSSEL = H are
60% and 38% of VP voltage. Thresholds of TSSEL = L are 74% and 28% of VP
voltage.
29
FB2
Feedback Input of CH2.
30
WAKE
Wake-Up Impulse Push-Pull Output. If VIN or BAT plug in, WAKE pin generates
one 55ms width high pulse to notify micro processor.
31
LX2
Switch Node of CH2.
32
PVD2
Power Input of CH2.
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com