Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5002 Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 23Page - Richtek Technology Corporation RT5002 Datasheet HTML 24Page - Richtek Technology Corporation RT5002 Datasheet HTML 25Page - Richtek Technology Corporation RT5002 Datasheet HTML 26Page - Richtek Technology Corporation RT5002 Datasheet HTML 27Page - Richtek Technology Corporation RT5002 Datasheet HTML 28Page - Richtek Technology Corporation RT5002 Datasheet HTML 29Page - Richtek Technology Corporation RT5002 Datasheet HTML 30Page - Richtek Technology Corporation RT5002 Datasheet HTML 31Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
RT5002
27
DS5002-00
November 2011
www.richtek.com
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Meaning
ISETU
ISETL
USUS
NoBAT
EOC
PGOOD
TS_FAULT
SAFE
Default
1
0
0
0
0
0
0
0
0x2
Read/Write
R/W
R/W
R/W
R
R
R
R
R
ISETU and ISETL : Set VIN Input Current Limit
ISETU
ISETL
VIN Input Current Limit
0
0
95mA
1
0
475mA
X
1
1.5A
USUS : VIN Suspend Control Input
1
Suspend
USUS
0
No Suspend
Battery Installation Detection
1
No Battery Installed (TS > 90% of VP)
NoBAT
0
BAT Installed (TS < 90% of VP)
End_Of_Charge Status
1
Charging Done or Recharging after Termination
EOC
0
During Charging
VIN Power Good Status
0
VIN < VUVLO
0
VUVLO < VIN < VBAT + VOS_H
1
VBAT + VOS_H < VIN < VOVP
PGOOD
0
VIN > VOVP
Temperature Sensing Status
1
TS is at fault (too cold, too hot) or VP triggers UVLO.
TS_FAULT
0
TS and VP are normal.
Charger Safety Timer Status
1
Safety timer expired.
SAFE
0
Otherwise
I
2C Register for Charging Status Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com