Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5002 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 10Page - Richtek Technology Corporation RT5002 Datasheet HTML 11Page - Richtek Technology Corporation RT5002 Datasheet HTML 12Page - Richtek Technology Corporation RT5002 Datasheet HTML 13Page - Richtek Technology Corporation RT5002 Datasheet HTML 14Page - Richtek Technology Corporation RT5002 Datasheet HTML 15Page - Richtek Technology Corporation RT5002 Datasheet HTML 16Page - Richtek Technology Corporation RT5002 Datasheet HTML 17Page - Richtek Technology Corporation RT5002 Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
RT5002
14
DS5002-00
November 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
PGOOD Deglitch Time
tPGOOD
Time measured from VIN :
0 to 5V 1
μs rise-time to
PGOOD = 1 in I
2
C Register
--
1
--
s
Input Over Voltage Blanking
Time
tOVP
--
50
--
μs
Pre-Charge to Fast-Charge
Deglitch Time
tPF
--
25
--
ms
Fast-Charge to Pre-Charge
Deglitch Time
tFP
--
25
--
ms
Termination Deglitch Time
tTERMI
--
25
--
ms
Recharge Deglitch Time
tRECHG
--
100
--
ms
Input Power Loss to SYS LDO
Turn-Off Delay Time
tNO_IN
--
25
--
ms
Pack Tem perature Fault
Detection Deglitch Time
tTS
--
25
--
ms
Short Circuit Deglitch Time
tSHORT
--
250
--
μs
Short Circuit Recovery Time
tSHORT-R
--
64
--
ms
Other
VP Regulation Voltage
VVP
VDDM = 4.2V
3.234
3.3
3.366
V
VP Load Regulation
VVP
VP Source Out 2mA
--
--
-0.1
V
VP Under Voltage Lockout
Threshold
Falling Threshold
--
0.8
--
V
TS Battery Detect Threshold
VTS
2.75
2.85
2.95
V
NTC
Rising Threshold
when
TSSEL = L (100k NTC)
73
74
75
Low Temperature Trip Point
(0
°C)
VCOLD
Rising Threshold
when
TSSEL = H (10k NTC)
59
60
61
%
of VP
Low Temperature Trip Point
Hysteresis (near 0
°C)
ΔVCOLD
--
1
--
%
of VP
Falling Threshold when
TSSEL = L
27
28
29
High Temperature Trip Point
(60
°C)
VHOT
Falling Threshold when
TSSEL = H
37
38
39
%
of VP
High Temperature Trip Point
Hysteresis (near 60
°C)
ΔVHOT
--
1
--
%
of VP
Rising Threshold when
TSSEL = L (100k NTC)
63
64
65
Low Temperature Trip Point
(10
°C) for JEITA
Rising Threshold when
TSSEL = H (10k NTC)
53
54
55
%
of VP
Low Temperature Trip Point
Hysteresis (near 10
°C) for JEITA
--
1
--
%
of VP
Falling Threshold when
TSSEL = L
34
35
36
High Temperature Trip Point
(45
°C) for JEITA
Falling Threshold when
TSSEL = H
39
40
41
%
of VP
High Temperature Trip Point
Hysteresis (near 45
°C) for JEITA
--
1
--
%
of VP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com