Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9789BBCZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 34Page - Analog Devices AD9789BBCZ Datasheet HTML 35Page - Analog Devices AD9789BBCZ Datasheet HTML 36Page - Analog Devices AD9789BBCZ Datasheet HTML 37Page - Analog Devices AD9789BBCZ Datasheet HTML 38Page - Analog Devices AD9789BBCZ Datasheet HTML 39Page - Analog Devices AD9789BBCZ Datasheet HTML 40Page - Analog Devices AD9789BBCZ Datasheet HTML 41Page - Analog Devices AD9789BBCZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
AD9789
Rev. A | Page 38 of 76
Table 45. Mu Delay Control 3 Register (Address 0x39)
Bit
Bit Name
Description
7
MUDLY[0]
This bit is the LSB of the mu delay value. Along with Bits[7:0] in Register 0x3A, this bit configures the
programmable mu delay; the search algorithm begins at this specified mu delay value. In manual mode, the
MUDLY bits can be written to. In tracking mode, the sampled MUDLY value can be read back. Even though
there are 9 bits of resolution for this delay line value, the maximum allowable mu delay is 431 (0x1AF). The
optimal point to begin the search is in the middle of the delay line, or approximately 216 (0xD8).
[6:5]
SEARCH_DIR[1:0]
These bits configure the search direction, starting at the selected mu delay value.
00 = search down.
01 = search up.
10 = search up and down (optimal).
11 = invalid.
[4:0]
MUPHZ[4:0]
These bits specify the phase to be measured with the maximum allowable phase being 16 (10000). If a value
larger than 16 is loaded, the controller will not lock. When the desired phase is measured, the slope of the
phase measurement is calculated and compared to the configured slope, which is specified by the SLOPE bit
in Register 0x33[6]. For optimal ac performance, the best setting for the search is for a positive slope and a
phase value of 14 (01110).
Table 46. Mu Delay Control 4 Register (Address 0x3A)
Bit
Bit Name
Description
[7:0]
MUDLY[8:1]
Along with Bit 7 in Register 0x39, these bits configure the programmable mu delay; the search algorithm
begins at this specified mu delay value. In manual mode, the MUDLY bits can be written to. In tracking mode,
the sampled MUDLY value can be read back. Even though there are 9 bits of resolution for this delay line
value, the maximum allowable mu delay is 431 (0x1AF). The optimal point to begin the search is in the
middle of the delay line, or approximately 216 (0xD8).
Table 47. Full-Scale Current 1 Register (Address 0x3C)
Bit
Bit Name
Description
[7:0]
FSC[7:0]
Along with Bits[1:0] in Register 0x3D, this register sets the full-scale current for the DAC. For more information,
see the Voltage Reference section.
Setting (Includes Register 0x3D[1:0])
Full-Scale Current (mA)
0000000000
8.6
…
…
1000000000
20 (default)
…
…
1011010000
25
…
…
1111111111
32.1
Table 48. Full-Scale Current 2 Register (Address 0x3D)
Bit
Bit Name
Description
[7:2]
Reserved
Reserved.
[1:0]
FSC[9:8]
Along with the FSC[7:0] bits in Register 0x3C, these bits set the full-scale current for the DAC. For more infor-
mation, see Table 47 and the Voltage Reference section.
Table 49. Phase Detector Control Register (Address 0x3E)
Bit
Bit Name
Description
7
PHZ_PD
Powers down the phase detector. This bit is for factory use only; this bit should be set to 0.
6
Reserved
Reserved.
5
CMP_BST
Comparator boost. This bit is for factory use only; this bit should always be set to 1.
4
AUTO_CAL
This bit is for factory use only; this bit should always be set to 1.
[3:0]
PHZ_DET_BIAS[3:0]
These bits display the binary weighted current. Do not write to these bits (factory use only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com