Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9789BBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 11Page - Analog Devices AD9789BBCZ Datasheet HTML 12Page - Analog Devices AD9789BBCZ Datasheet HTML 13Page - Analog Devices AD9789BBCZ Datasheet HTML 14Page - Analog Devices AD9789BBCZ Datasheet HTML 15Page - Analog Devices AD9789BBCZ Datasheet HTML 16Page - Analog Devices AD9789BBCZ Datasheet HTML 17Page - Analog Devices AD9789BBCZ Datasheet HTML 18Page - Analog Devices AD9789BBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
AD9789
Rev. A | Page 15 of 76
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
100
200
300
400
500
600
700
800
900 1000
FREQUENCY (MHz)
DOCSIS3
CMOS
LVDS
Figure 26. ACLR Performance for CMOS and LVDS Interfaces, 1-Channel QAM,
fOUT = 840 MHz, fDAC = 2.4 GHz, Full-Scale Current = 20 mA, Sum Scale = 48
(DOCSIS SPEC Is −73 dBc)
–5
–15
–25
–35
–45
–55
–65
–75
–85
50
250
450
650
850
1050
FREQUENCY (MHz)
DOCSIS3
25°C
65°C
85°C
Figure 27. ACLR Performance over Temperature, 2-Channel QAM,
fOUT = 800 MHz, fDAC = 2.3 GHz, Full-Scale Current = 25 mA, Sum Scale = 32
(DOCSIS SPEC Is −70 dBc)
–55
–60
–65
–70
–75
–80
–85
0
100
200
300
400
500
600
700
800
900 1000
fOUT (MHz)
DOCSIS3
25°C
65°C
85°C
Figure 28. Third-Order Harmonic Performance vs. fOUT over Temperature,
2-Channel QAM, fDAC = 2.3 GHz, Full-Scale Current = 25 mA, Sum Scale = 32
(DOCSIS SPEC Is −70 dBc; Harmonic Exception Is −63 dBc)
–5
–15
–25
–35
–45
–55
–65
–75
–85
50
250
450
650
850
1050
FREQUENCY (MHz)
DOCSIS3
25°C
65°C
85°C
Figure 29. ACLR Performance over Temperature, 2-Channel QAM,
fOUT = 200 MHz, fDAC = 2.3 GHz, Full-Scale Current = 25 mA, Sum Scale = 32
(DOCSIS SPEC Is −70 dBc; Harmonic Exception Is −63 dBc)
–55
–60
–65
–70
–75
–80
–85
0
100
200
300
400
500
600
700
800
900 1000
fOUT (MHz)
DOCSIS3
25°C
65°C
85°C
Figure 30. Second Harmonic Performance vs. fOUT over Temperature,
2-Channel QAM, fDAC = 2.3 GHz, Full-Scale Current = 25 mA, Sum Scale = 32
(DOCSIS SPEC Is −70 dBc; Harmonic Exception Is −63 dBc)
–55
–60
–65
–70
–75
–80
–85
0
100
200
300
400
500
600
700
800
900 1000
fOUT (MHz)
DOCSIS3
25°C
65°C
85°C
Figure 31. Noise Floor vs. fOUT over Temperature (ACLR Measured Beyond 30 MHz),
2-Channel QAM, fDAC = 2.3 GHz, Full-Scale Current = 25 mA, Sum Scale = 32
(DOCSIS SPEC Is −70 dBc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com