Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9789BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 8Page - Analog Devices AD9789BBCZ Datasheet HTML 9Page - Analog Devices AD9789BBCZ Datasheet HTML 10Page - Analog Devices AD9789BBCZ Datasheet HTML 11Page - Analog Devices AD9789BBCZ Datasheet HTML 12Page - Analog Devices AD9789BBCZ Datasheet HTML 13Page - Analog Devices AD9789BBCZ Datasheet HTML 14Page - Analog Devices AD9789BBCZ Datasheet HTML 15Page - Analog Devices AD9789BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
AD9789
Rev. A | Page 12 of 76
TYPICAL PERFORMANCE CHARACTERISTICS
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
0
200
400
600
800
1000
1200
fOUT (MHz)
2.4GHz
2.2GHz
2GHz
1.6GHz
1GHz
Figure 8. SFDR vs. fOUT over fDAC, Full-Scale Current = 20 mA,
Digital Scale = 0 dBFS, Temperature = 25°C
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
0
200
400
600
800
1000
1200
fOUT (MHz)
0dBFS
–3dBFS
–6dBFS
–12dBFS
Figure 9. Second-Order Harmonic vs. fOUT over Digital Full Scale,
fDAC = 2.4 GHz, Full-Scale Current = 20 mA, Temperature = 25°C
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
0
200
400
600
800
1000
1200
fOUT (MHz)
32mA
20mA
8mA
Figure 10. SFDR vs. fOUT over Full-Scale Current, fDAC = 2.4 GHz,
Digital Scale = 0 dBFS, Temperature = 25°C
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
0
200
400
600
800
1000
1200
fOUT (MHz)
0dBFS
–3dBFS
–6dBFS
–12dBFS
Figure 11. SFDR vs. fOUT over Digital Full Scale, fDAC = 2.4 GHz,
Full-Scale Current = 20 mA, Temperature = 25°C
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
0
200
400
600
800
1000
1200
fOUT (MHz)
0dBFS
–3dBFS
–6dBFS
–12dBFS
Figure 12. Third-Order Harmonic vs. fOUT over Digital Full Scale,
fDAC = 2.4 GHz, Full-Scale Current = 20 mA, Temperature = 25°C
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
0
200
400
600
800
1000
1200
fOUT (MHz)
+85°C
+25°C
–40°C
Figure 13. SFDR vs. fOUT over Temperature, fDAC = 2.4 GHz,
Full-Scale Current = 20 mA, Digital Scale = 0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com