Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9789BBCZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 48Page - Analog Devices AD9789BBCZ Datasheet HTML 49Page - Analog Devices AD9789BBCZ Datasheet HTML 50Page - Analog Devices AD9789BBCZ Datasheet HTML 51Page - Analog Devices AD9789BBCZ Datasheet HTML 52Page - Analog Devices AD9789BBCZ Datasheet HTML 53Page - Analog Devices AD9789BBCZ Datasheet HTML 54Page - Analog Devices AD9789BBCZ Datasheet HTML 55Page - Analog Devices AD9789BBCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
AD9789
Rev. A | Page 52 of 76
Delay
72
73
74
75
76
77
78
79
LAT
5
5
5
5
5
5
5
5
SNC
3
4
4
5
5
6
6
7
DSC
8
9
10
11
12
13
14
15
Delay
80
81
82
83
84
85
86
87
LAT
5
5
5
5
5
5
6
6
SNC
7
8
8
9
9
2
2
3
DSC
0
1
2
3
4
5
6
7
Delay
88
89
90
91
92
93
94
95
LAT
6
6
6
6
6
6
6
6
SNC
3
4
4
5
5
6
6
7
DSC
8
9
10
11
12
13
14
15
Delay
96
97
98
99
100
101
102
103
LAT
6
6
6
6
6
6
7
7
SNC
7
8
8
9
9
2
2
3
DSC
0
1
2
3
4
5
6
7
Delay
104
105
106
107
108
109
110
111
LAT
7
7
7
7
7
7
7
7
SNC
3
4
4
5
5
6
6
7
DSC
8
9
10
11
12
13
14
15
Delay
112
113
114
115
116
117
X
X
LAT
7
7
7
7
7
7
X
X
SNC
7
8
8
9
9
2
X
X
DSC
0
1
2
3
4
5
X
X
Latency Effects on Channelizer Mode
When selecting an interface configuration in channelizer mode,
the number of DCO cycles between FS pulses (cyclesAVAIL) must
be greater than the number of DCO cycles required by the inter-
face configuration (cyclesINTERFACE). Latency consumes some of
these available DCO cycles between FS. This decrease in available
DCO cycles is a result of the round-trip propagation delay from
the FS output of the AD9789 to the respective data sample at the
input of the AD9789 (LTNCY[2:0]) in addition to the internal
latency of the device.
For a successful interface design, the following condition must
be met:
cyclesAVAIL ≥ cyclesINTERFACE + LTNCY[2:0] + 2
CMOS Interface Timing
When the AD9789 is configured with a CMOS interface
(CMOS_CTRL = CMOS_BUS = 3.3 V), a CMOS data clock
output signal, DCO, is provided to drive data from the data
source. The output signal operates at the input data rate, which
is equal to fDAC/16 when DCODIV = 1. CMOS data on the bus is
sampled on the rising edge of an internal sampling clock (DSC).
Note that the frequency of DCO is equal to the frequency of
DSC and the phase relationship between DCO and DSC is
determined by DSCPHZ (Register 0x23[7:4]).
The timing of the input data is referenced to DCO for a given
phase of DSC. The CMOS data input timing over temperature is
shown in Table 68 for DCO_INV = 0 (Register 0x20[4]),
DSCPHZ = 0 (Register 0x23[7:4]), and DCODIV = 1 (Register
0x22[6:4]). Table 68 also shows the data valid window (DVW).
The data valid window is the sum of the setup and hold times of
the interface. DVW is the minimum amount of time that valid
data must be presented to the device to ensure proper sampling.
Table 68. CMOS Data Input Timing with Respect to DCO
Temperature
Min tS (ns)
Min tH (ns)
Min DVW (ns)
−40°C
4.9
−1.4
3.5
+25°C
5.1
−1.6
3.5
+85°C
5.3
−1.7
3.6
−40°C to +85°C
5.3
−1.4
3.9
For any value of DSCPHZ greater than 0, the setup and hold
times shift by increments of tDCO/16, where tDCO is the period of
the data clock.
tS = 5.3 ns − ((tDCO/16) × DSCPHZ)
tH = 0.24 ns + ((tDCO/16) × DSCPHZ)
DCO
INPUT
DATA
DSC
tS
tH
Figure 100. CMOS Input Timing
In some interface modes, the delay from the rising edge of DCO
to the rising edge of FS needs to be known. This delay is summa-
rized over temperature in Table 69.
DCO
FS
DSC
tD
Figure 101. CMOS_DCO to CMOS_FS Delay
Table 69. Timing Delay Between CMOS_DCO and CMOS_FS
Temperature
tD, MAX DCO to FS (ns)
tD, MIN DCO to FS (ns)
−40°C
0.64
0.28
+25°C
0.71
0.4
+85°C
0.85
0.49
−40°C to +85°C
0.85
0.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com