Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9789BBCZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 53Page - Analog Devices AD9789BBCZ Datasheet HTML 54Page - Analog Devices AD9789BBCZ Datasheet HTML 55Page - Analog Devices AD9789BBCZ Datasheet HTML 56Page - Analog Devices AD9789BBCZ Datasheet HTML 57Page - Analog Devices AD9789BBCZ Datasheet HTML 58Page - Analog Devices AD9789BBCZ Datasheet HTML 59Page - Analog Devices AD9789BBCZ Datasheet HTML 60Page - Analog Devices AD9789BBCZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
AD9789
Rev. A | Page 57 of 76
Finally, when measuring performance for CMTS and other
digital TV applications, it is advantageous to insert a 1 dB,
1.2 GHz Chebyshev low-pass filter between the DAC and the
transformer to better control the impedance seen at the DAC
core. This helps to decrease the folded back harmonics for
higher frequency outputs. The optimal transformer for CMTS
measurements is the JTX-2-10T, which consists of a balun and
center-tapped transformer in a single package. This output stage
is shown in Figure 112.
The buffer, in turn, can be easily driven from lower level signals
such as CML or attenuated PECL that might be encountered on
a PCB. This buffer also provides very low, 100 fs added random
jitter, which is important to obtain the optimal ac performance
from the AD9789. A functional block diagram of the ADCLK914
is shown in Figure 113. Figure 114 shows the recommended
schematic for the ADCLK914/AD9789 interface. Refer to the
ADCLK914 data sheet for more information. Any time that the
noise floor from the DAC cannot meet the specifications in this
data sheet, the clock should be examined.
90Ω
90Ω
70Ω
IOUTP
5.6nH
5.6nH
IOUTN
4.7pF
2.2pF
4.7pF
JTX-2-10T
50Ω
VREF
VCC
VEE
VT
D
D
50Ω
50Ω
50Ω
Q
Q
ADCLK914
Figure 112. Recommended Transformer Output Stage
for CMTS Measurements
Traces from the DAC to the transformer should be 50 Ω imped-
ance to ground each in Figure 110 and Figure 112 and 25 Ω to
ground each in Figure 111 to avoid unnecessary parasitics.
Figure 113. ADCLK914 Functional Block Diagram
The internal 50 Ω resistors shown at the ADCLK914 inputs are
rated to carry currents from PECL or CML drivers. The VT pin
can be connected to VCC, a PECL current sink, or the internal
VREF, or it can be left floating depending on the source. The
common-mode input range of the ADCLK914 does not include
LVDS voltage levels, so ac coupling is required in that case.
CLOCKING THE AD9789
To provide the required signal swing for the internal clock
receiver of the AD9789, it is necessary to use an external clock
buffer chip to drive the CLKP and CLKN inputs. These high
level, high slew rate signals should not be routed any distance
on a PCB. The recommended clock buffer for this application
is the ADCLK914. This ultrafast clock buffer is capable of
providing 1.9 V out of each side into a 50 Ω load terminated
to VCC (3.3 V) for a total differential swing of 3.8 V.
5
4
3
2
1
GND
Q
NC
NC
Q
D
NC
NC
D
1
16 15 14 13
2
3
4
56 78
12
11
10
9
C31
0.1µF
C0402
GND
C32
0.01µF
C0402
GND
C33
0.1µF
C0402
GND
C34
0.01µF
C0402
GND
ADCLK914 SUPPLY DECOUPLING
VCC33
VCC33
VCC33
VCC33
CLKP
CLKN
R13
49.9Ω
R15
49.9Ω
R14
49.9Ω
R17
100Ω
R0402
C99
2400pF
C0803H50
C102
2400pF
C0803H50
U3
ADCLK914
GND
GND
GND
GND
C83
0.01µF
C81
0.01µF
C82
0.01µF
J3
PSTRNKPE4117
Figure 114. ADCLK914/AD9789 Interface Circuit for Use with a Lab Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com