Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9789BBCZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 36Page - Analog Devices AD9789BBCZ Datasheet HTML 37Page - Analog Devices AD9789BBCZ Datasheet HTML 38Page - Analog Devices AD9789BBCZ Datasheet HTML 39Page - Analog Devices AD9789BBCZ Datasheet HTML 40Page - Analog Devices AD9789BBCZ Datasheet HTML 41Page - Analog Devices AD9789BBCZ Datasheet HTML 42Page - Analog Devices AD9789BBCZ Datasheet HTML 43Page - Analog Devices AD9789BBCZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
AD9789
Rev. A | Page 40 of 76
Table 50. QAM Mapper Input and Output Range vs. Mode
ITU-T J.83
Annex
Description
SPI Register 0x07,
MAPPING[2:0] Bits
Bit Range
at Output
Input Bits
B7 B6 B5 B4 B3 B2 B1 B01
B
DOCSIS 64-QAM
000
−14 to +14
X X C5 C4 C3 C2 C1 C0
B
DOCSIS 256-QAM
001
−15 to +15
C7 C6 C5 C4 C3 C2 C1 C0
A
DVB-C 16-QAM
010
−15 to +15
X X X X C3 C2 C1 C0
A
DVB-C 32-QAM
011
−15 to +15
X X X C4 C3 C2 C1 C0
A and C
DVB-C 64-QAM
100
−14 to +14
X X C5 C4 C3 C2 C1 C0
A and C
DVB-C 128-QAM
101
−11 to +11
X C6 C5 C4 C3 C2 C1 C0
A and C
DVB-C 256-QAM
110
−15 to +15
C7 C6 C5 C4 C3 C2 C1 C0
Unused
111
1 X = don’t care.
Each constellation point corresponds to an I and Q coordinate
pair, as shown in Figure 74. In the figure, two symbols are high-
lighted in a 64-QAM constellation: I = 14, Q = 14 (Pair 1) and
I = 6, Q = −10 (Pair 2).
To represent the I and Q coordinate points, 5-bit, twos com-
plement numbers are used. For example, an input of 011101
into the QAM encoder maps to the I = 6, Q = −10 position of
the QAM-64 constellation and results in output samples of
I = 00110, Q = 10110.
I
Q
14
10
6
2
–2
–6
–10
–14
–14
–10
–6
–2
2
6
10
14
SYMBOL I = 14, Q = 14
I = 01110, Q = 01110
SYMBOL I = 6, Q = –10
I = 00110, Q = 10110
Figure 74. I and Q Symbol Mapping
SRRC
2
BYPASS
SRRC
BYPASS
QAM
X
INSCALE
QAM
MAPPER
16
16
5
8
16
5
16
16
Figure 75. QAM Mapper and SRRC Filter Detail
(I and Q Paths Are Identical So Only One Is Shown)
Input Scalar
The input scalar block is active only when the QAM mapper
is bypassed. The value of INSCALE[7:0] is programmed in
Register 0x09[7:0]. The scale factor applied to the input data
is calculated as follows:
32
0]
INSCALE[7:
r
ScaleFacto 
This factor provides a scaling range of the input data from 0 to
7.96875 in steps of 0.03125. The default value of 0x20 provides a
scale factor of 1. As shown in Figure 76, the output of the input
scalar block is rounded to the nearest 16-bit value. If the output
exceeds the maximum or minimum value, it is clipped to either
positive or negative full scale (0x7FFF or 0x8000).
ROUND
SATURATE
INSCALE
8
Figure 76. Input Scalar Block Diagram
SRRC Filter
The square root raised cosine (SRRC) filter performs a 2×
interpolation and filtering operation on the input data. The
SRRC filter has a pass band, transition band, and stop band
requirement as per the DOCSIS, Euro-DOCSIS, and DVB-C
standards.
To cover all the standards, the value of alpha can be set to 0.12,
0.13, 0.15, or 0.18. This value is programmed in Register 0x07[5:4].
The frequency, fN, is determined by the input data baud rate.
The response of the SRRC filter is illustrated in Figure 77.
The SRRC filter accepts only five bits at its input and can be
bypassed (Register 0x06[6]). If the SRRC filter is the first block
enabled in the datapath, these five bits are the five MSBs of the
8-bit data-word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com