Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F0113 Datasheet(PDF) 72 Page - Zilog, Inc.

Part # Z8F0113
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0113 Datasheet(HTML) 72 Page - Zilog, Inc.

Back Button Z8F0113 Datasheet HTML 68Page - Zilog, Inc. Z8F0113 Datasheet HTML 69Page - Zilog, Inc. Z8F0113 Datasheet HTML 70Page - Zilog, Inc. Z8F0113 Datasheet HTML 71Page - Zilog, Inc. Z8F0113 Datasheet HTML 72Page - Zilog, Inc. Z8F0113 Datasheet HTML 73Page - Zilog, Inc. Z8F0113 Datasheet HTML 74Page - Zilog, Inc. Z8F0113 Datasheet HTML 75Page - Zilog, Inc. Z8F0113 Datasheet HTML 76Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Operation
Z8 Encore! XP® F0823 Series
Product Specification
57
•
Execution of an Return from Interrupt (IRET) instruction
•
Writing a 1 to the IRQE bit in the Interrupt Control Register
Interrupts are globally disabled by any of the following actions:
•
Execution of a Disable Interrupt (DI) instruction
•
eZ8 CPU acknowledgement of an interrupt service request from the interrupt controller
•
Writing a 0 to the IRQE bit in the Interrupt Control Register
•
Reset
•
Execution of a Trap instruction
•
Illegal Instruction Trap
•
Primary Oscillator Fail Trap
•
Watchdog Timer Oscillator Fail Trap
Interrupt Vectors and Priority
The interrupt controller supports three levels of interrupt priority. Level 3 is the highest
priority, Level 2 is the second highest priority, and Level 1 is the lowest priority. If all
interrupts are enabled with identical interrupt priority (for example, all as Level 2 inter-
rupts), the interrupt priority is assigned from highest to lowest as specified in Table 35 on
page 55. Level 3 interrupts are always assigned higher priority than Level 2 interrupts
which, in turn, always are assigned higher priority than Level 1 interrupts. Within each
interrupt priority level (Level 1, Level 2 or Level 3), priority is assigned as specified in
Table 35. Reset, Watchdog Timer interrupt (if enabled), Primary Oscillator Fail Trap,
Watchdog Timer Oscillator Fail Trap, and Illegal Instruction Trap always have highest
(Level 3) priority.
Interrupt Assertion
Interrupt sources assert their interrupt requests for only a single system clock period (sin-
gle pulse). When the interrupt request is acknowledged by the eZ8 CPU, the correspond-
ing bit in the Interrupt Request register is cleared until the next interrupt occurs. Writing a
0 to the corresponding bit in the Interrupt Request register likewise clears the interrupt
request.
Zilog recommends not using a coding style that clears bits in the Interrupt Request reg-
isters. All incoming interrupts received between execution of the first LDX command
and the final LDX command are lost. See Example 1, which follows.
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com