Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F0113 Datasheet(PDF) 82 Page - Zilog, Inc.

Part # Z8F0113
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0113 Datasheet(HTML) 82 Page - Zilog, Inc.

Back Button Z8F0113 Datasheet HTML 78Page - Zilog, Inc. Z8F0113 Datasheet HTML 79Page - Zilog, Inc. Z8F0113 Datasheet HTML 80Page - Zilog, Inc. Z8F0113 Datasheet HTML 81Page - Zilog, Inc. Z8F0113 Datasheet HTML 82Page - Zilog, Inc. Z8F0113 Datasheet HTML 83Page - Zilog, Inc. Z8F0113 Datasheet HTML 84Page - Zilog, Inc. Z8F0113 Datasheet HTML 85Page - Zilog, Inc. Z8F0113 Datasheet HTML 86Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Interrupt Control Register Definitions
Z8 Encore! XP® F0823 Series
Product Specification
67
Shared Interrupt Select Register
The Shared Interrupt Select (IRQSS) register (Table 49) determines the source of the
PADxS interrupts. The Shared Interrupt Select register selects between Port A and
alternate sources for the individual interrupts.
Because these shared interrupts are edge-triggered, it is possible to generate an interrupt
just by switching from one shared source to another. For this reason, an interrupt must be
disabled before switching between sources.
Table 49. Shared Interrupt Select Register (IRQSS)
Bit
7
6
5
4
3
2
1
0
Field
Reserved
PA6CS
Reserved
RESET
00000000
R/W
R/WR/W
R/WR/WR/WR/WR/WR/W
Address
FCEH
Bit
Description
[7]
Reserved
This bit is reserved and must be programmed to 0.
[6]
PA6CS
PA6/Comparator Selection
0 = PA6 is used for the interrupt for PA6CS interrupt request.
1 = The comparator is used as an interrupt for PA6CS interrupt requests.
[5:0]
Reserved
These bits are reserved and must be programmed to 000000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com