Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F0113 Datasheet(PDF) 52 Page - Zilog, Inc.

Part # Z8F0113
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0113 Datasheet(HTML) 52 Page - Zilog, Inc.

Back Button Z8F0113 Datasheet HTML 48Page - Zilog, Inc. Z8F0113 Datasheet HTML 49Page - Zilog, Inc. Z8F0113 Datasheet HTML 50Page - Zilog, Inc. Z8F0113 Datasheet HTML 51Page - Zilog, Inc. Z8F0113 Datasheet HTML 52Page - Zilog, Inc. Z8F0113 Datasheet HTML 53Page - Zilog, Inc. Z8F0113 Datasheet HTML 54Page - Zilog, Inc. Z8F0113 Datasheet HTML 55Page - Zilog, Inc. Z8F0113 Datasheet HTML 56Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
GPIO Alternate Functions
Z8 Encore! XP® F0823 Series
Product Specification
37
Port B3
PB03
Reserved
AFS1[0]: 0
ANA0
ADC Analog Input
AFS1[0]: 1
PB1
Reserved
AFS1[1]: 0
ANA1
ADC Analog Input
AFS1[1]: 1
PB2
Reserved
AFS1[2]: 0
ANA2
ADC Analog Input
AFS1[2]: 1
PB3
CLKIN
External Clock Input
AFS1[3]: 0
ANA3
ADC Analog Input
AFS1[3]: 1
PB4
Reserved
AFS1[4]: 0
ANA7
ADC Analog Input
AFS1[4]: 1
PB5
Reserved
AFS1[5]: 0
VREF
4
ADC Voltage Reference
AFS1[5]: 1
PB6
Reserved
AFS1[6]: 0
Reserved
AFS1[6]: 1
PB7
Reserved
AFS1[7]: 0
Reserved
AFS1[7]: 1
Table 17. Port Alternate Function Mapping (Non 8-Pin Parts) (Continued)
Port
Pin
Mnemonic
Alternate Function Description
Alternate Function
Set Register AFS1
Notes:
1. Because there is only a single alternate function for each Port A pin, the Alternate Function Set registers are not
implemented for Port A. Enabling alternate function selections as described in the Port A–C Alternate Function
Subregisters section on page 43 automatically enables the associated alternate function.
2. Whether PA0/PA6 take on the timer input or timer output complement function depends on the timer configura-
tion as described in the Timer Pin Signal Operation section on page 83.
3. Because there are at most two choices of alternate function for any pin of Port B, the Alternate Function Set reg-
ister AFS2 is implemented but not used to select the function. Also, alternate function selection as described in
the Port A–C Alternate Function Subregisters section on page 43 must also be enabled.
4. VREF is available on PB5 in 28-pin products only.
5. Because there are at most two choices of alternate function for any pin of Port C, the Alternate Function Set reg-
ister AFS2 is implemented but not used to select the function. Also, Alternate Function selection as described in
the Port A–C Alternate Function Subregisters section on page 43 must also be enabled.
6. VREF is available on PC2 in 20-pin parts only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com