Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F0113 Datasheet(PDF) 75 Page - Zilog, Inc.

Part # Z8F0113
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0113 Datasheet(HTML) 75 Page - Zilog, Inc.

Back Button Z8F0113 Datasheet HTML 71Page - Zilog, Inc. Z8F0113 Datasheet HTML 72Page - Zilog, Inc. Z8F0113 Datasheet HTML 73Page - Zilog, Inc. Z8F0113 Datasheet HTML 74Page - Zilog, Inc. Z8F0113 Datasheet HTML 75Page - Zilog, Inc. Z8F0113 Datasheet HTML 76Page - Zilog, Inc. Z8F0113 Datasheet HTML 77Page - Zilog, Inc. Z8F0113 Datasheet HTML 78Page - Zilog, Inc. Z8F0113 Datasheet HTML 79Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Interrupt Control Register Definitions
Z8 Encore! XP® F0823 Series
Product Specification
60
Interrupt Request 1 Register
The Interrupt Request 1 (IRQ1) register (Table 37) stores interrupt requests for both vec-
tored and polled interrupts. When a request is presented to the interrupt controller, the cor-
responding bit in the IRQ1 Register becomes 1. If interrupts are globally enabled
(vectored interrupts), the interrupt controller passes an interrupt request to the eZ8 CPU. If
interrupts are globally disabled (polled interrupts), the eZ8 CPU reads the Interrupt
Request 1 Register to determine if any interrupt requests are pending.
[4]
U0RXI
UART 0 Receiver Interrupt Request
0 = No interrupt request is pending for the UART 0 receiver.
1 = An interrupt request from the UART 0 receiver is awaiting service.
[3]
U0TXI
UART 0 Transmitter Interrupt Request
0 = No interrupt request is pending for the UART 0 transmitter.
1 = An interrupt request from the UART 0 transmitter is awaiting service.
[2:1]
Reserved
These bits are reserved and must be programmed to 00.
[0]
ADCI
ADC Interrupt Request
0 = No interrupt request is pending for the ADC.
1 = An interrupt request from the ADC is awaiting service.
Table 37. Interrupt Request 1 Register (IRQ1)
Bit
7
6
5
4
3
2
1
0
Field
PA7VI
PA6CI
PA5I
PA4I
PA3I
PA2I
PA1I
PA0I
RESET
00000000
R/W
R/WR/W
R/WR/WR/WR/WR/WR/W
Address
FC3H
Bit
Description
[7]
PA7VI
Port A7 Interrupt Request
0 = No interrupt request is pending for GPIO Port A.
1 = An interrupt request from GPIO Port A.
[6]
PA6CI
Port A6 or Comparator Interrupt Request
0 = No interrupt request is pending for GPIO Port A or Comparator.
1 = An interrupt request from GPIO Port A or Comparator.
[5:0]
PAxI
Port A Pin x Interrupt Request
0 = No interrupt request is pending for GPIO Port A pin x.
1 = An interrupt request from GPIO Port A pin x is awaiting service.
Note: x indicates the specific GPIO Port pin number (0–5).
Bit
Description (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com