Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F0113 Datasheet(PDF) 80 Page - Zilog, Inc.

Part # Z8F0113
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0113 Datasheet(HTML) 80 Page - Zilog, Inc.

Back Button Z8F0113 Datasheet HTML 76Page - Zilog, Inc. Z8F0113 Datasheet HTML 77Page - Zilog, Inc. Z8F0113 Datasheet HTML 78Page - Zilog, Inc. Z8F0113 Datasheet HTML 79Page - Zilog, Inc. Z8F0113 Datasheet HTML 80Page - Zilog, Inc. Z8F0113 Datasheet HTML 81Page - Zilog, Inc. Z8F0113 Datasheet HTML 82Page - Zilog, Inc. Z8F0113 Datasheet HTML 83Page - Zilog, Inc. Z8F0113 Datasheet HTML 84Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Interrupt Control Register Definitions
Z8 Encore! XP® F0823 Series
Product Specification
65
IRQ2 Enable High and Low Bit Registers
Table 45 describes the priority control for IRQ2. The IRQ2 Enable High and Low Bit reg-
isters (Table 46 and Table 47) form a priority encoded enabling for interrupts in the Inter-
rupt Request 2 register. Priority is generated by setting bits in each register.
Table 45. IRQ2 Enable and Priority Encoding
IRQ2ENH[x]IRQ2ENL[x] Priority
Description
0
0
Disabled
Disabled
0
1
Level 1
Low
1
0
Level 2
Nominal
1
1
Level 3
High
Note: where x indicates the register bits from 0–7.
Table 46. IRQ2 Enable High Bit Register (IRQ2ENH)
Bit
7
6
5
4
3
2
1
0
Field
Reserved
C3ENH
C2ENH
C1ENH
C0ENH
RESET
00000000
R/W
R/WR/W
R/WR/WR/WR/WR/WR/W
Address
FC7H
Bit
Description
[7:4]
Reserved
These bits are reserved and must be programmed to 0000.
[3]
C3ENH
Port C3 Interrupt Request Enable High Bit
[2]
C2ENH
Port C2 Interrupt Request Enable High Bit
[1]
C1ENH
Port C1 Interrupt Request Enable High Bit
[0]
C0ENH
Port C0 Interrupt Request Enable High Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com