Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F0113 Datasheet(PDF) 96 Page - Zilog, Inc.

Part # Z8F0113
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0113 Datasheet(HTML) 96 Page - Zilog, Inc.

Back Button Z8F0113 Datasheet HTML 92Page - Zilog, Inc. Z8F0113 Datasheet HTML 93Page - Zilog, Inc. Z8F0113 Datasheet HTML 94Page - Zilog, Inc. Z8F0113 Datasheet HTML 95Page - Zilog, Inc. Z8F0113 Datasheet HTML 96Page - Zilog, Inc. Z8F0113 Datasheet HTML 97Page - Zilog, Inc. Z8F0113 Datasheet HTML 98Page - Zilog, Inc. Z8F0113 Datasheet HTML 99Page - Zilog, Inc. Z8F0113 Datasheet HTML 100Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Operation
Z8 Encore! XP® F0823 Series
Product Specification
81
5. If using the Timer Output function, configure the associated GPIO port pin for the
Timer Output alternate function.
6. Write to the Timer Control Register to enable the timer and initiate counting.
In COMPARE Mode, the system clock always provides the timer input. The compare time
can be calculated by the following equation:
GATED Mode
In GATED Mode, the timer counts only when the Timer Input signal is in its active state
(asserted), as determined by the TPOL bit in the Timer Control Register. When the Timer
Input signal is asserted, counting begins. A timer interrupt is generated when the Timer
Input signal is deasserted or a timer reload occurs. To determine if a Timer Input signal
deassertion generated the interrupt, read the associated GPIO input value and compare to
the value stored in the TPOL bit.
The timer counts up to the 16-bit reload value stored in the Timer Reload High and Low
Byte registers. The timer input is the system clock. When reaching the reload value, the
timer generates an interrupt, the count value in the Timer High and Low Byte registers is
reset to 0001H and counting resumes (assuming the Timer Input signal remains asserted).
Also, if the Timer Output alternate function is enabled, the Timer Output pin changes state
(from Low to High or from High to Low) at timer reset.
Observe the following steps to configure a timer for GATED Mode and to initiate the
count:
1. Write to the Timer Control Register to:
–
Disable the timer
–
Configure the timer for Gated mode
–
Set the prescale value
2. Write to the Timer High and Low Byte registers to set the starting count value. Writing
these registers only affects the first pass in GATED Mode. After the first timer reset in
GATED Mode, counting always begins at the reset value of 0001H.
3. Write to the Timer Reload High and Low Byte registers to set the reload value.
4. Enable the timer interrupt, if appropriate, and set the timer interrupt priority by writing
to the relevant interrupt registers. By default, the timer interrupt is generated for both
input deassertion and reload events. If appropriate, configure the timer interrupt to be
generated only at the input deassertion event or the reload event by setting TICONFIG
field of the TxCTL1 Register.
COMPARE Mode Time (s)
Compare Value
Start Value
–
 Prescale
System Clock Frequency (Hz)
-----------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com