Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EL0421 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DS32EL0421
Description  5-bit DDR LVDS Parallel Data Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EL0421 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DS32EL0421 Datasheet HTML 15Page - Texas Instruments DS32EL0421 Datasheet HTML 16Page - Texas Instruments DS32EL0421 Datasheet HTML 17Page - Texas Instruments DS32EL0421 Datasheet HTML 18Page - Texas Instruments DS32EL0421 Datasheet HTML 19Page - Texas Instruments DS32EL0421 Datasheet HTML 20Page - Texas Instruments DS32EL0421 Datasheet HTML 21Page - Texas Instruments DS32EL0421 Datasheet HTML 22Page - Texas Instruments DS32EL0421 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
DS32ELX0421
TXIN4
SDA
SCK
SMB_CS
GPIO2
2.5V
3.3V
VDDPLL
LF_REF
LF_CP
100 nF
GPIO0
GPIO1
22 PF
3.3V
TXOUT0
TXOUT1
+
-
+
-
VOD_CTRL
9.1 k:
1, 36
7, 15, 18,
25, 35
49
16
17
19
20
28
48
47
14
27
26
3
4
11
32
33
34
3.3V
3.3V
0.1 PF
0.1 PF
6
5
1.5 k:
1:
LOCK
31
RESET
30
TXIN3
+
-
43
45
TXIN2
+
-
44
46
TXIN1
+
-
42
41
TXIN0
+
-
40
39
TXCLKIN
+
-
38
37
+
-
DS32EL0421, DS32ELX0421
www.ti.com
SNLS282F – MAY 2008 – REVISED APRIL 2013
LINK AGGREGATION
Multiple
DS32EL0421/DS32ELX0421
serializers
and
D32EL0124/DS32ELX0124
deserializers
can
be
aggregated together if an application requires a data throughput of more than 3.125 Gbps. By utilizing the data
valid signal of each device, the system can be properly deskewed to allow for a single cable, such as CAT-6,
DVI-D, or HDMI, to carry data payloads beyond 3.125 Gbps.
Link aggregation configurations can also be implemented in applications which require longer cable lengths. In
these type of applications the data rate of each serializer and deserializer chipset can be reduced, such that the
applications' net data throughput is still the same. Since each high speed channel is now operating at a fraction
of the original data rate, the loss over the cable is reduced, allowing for greater lengths of cable to be used in the
system.
For more information regarding link aggregation please see SNLA109, Expanding the Payload with TI's FPGA-
Link DS32ELX0421 and DS32ELX0124 Serializer and Deserializer.
LAYOUT GUIDELINES
It is important to follow good layout practices for high speed devices. The length of LVDS input traces should not
exceed 40 inches. In noisy environment the LVDS traces may need to be shorter to prevent data corruption due
to EMI. Noisy components should not be placed next to the LVDS or CML traces. The LVDS and CML traces
must have a controlled differential impedance of 100
Ω. Do not place termination resistor at the LVDS inputs or
CML outputs, the DS32EL0421 and DS32ELX0421 have internal termination resistors. It is recommended to
avoid using vias. Vias create an impedance mismatch in the transmission line and result in reflections, which can
greatly lower the maximum distance of the high speed data link. If vias are required, they should be placed
symmetrically on each side of the differential pair. For more tips and detailed suggestions regarding high speed
board layout principles, please consult the LVDS Owner’s Manual.
Figure 11. Typical Interface Circuit
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: DS32EL0421 DS32ELX0421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com