Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EL0421 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DS32EL0421
Description  5-bit DDR LVDS Parallel Data Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EL0421 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DS32EL0421 Datasheet HTML 20Page - Texas Instruments DS32EL0421 Datasheet HTML 21Page - Texas Instruments DS32EL0421 Datasheet HTML 22Page - Texas Instruments DS32EL0421 Datasheet HTML 23Page - Texas Instruments DS32EL0421 Datasheet HTML 24Page - Texas Instruments DS32EL0421 Datasheet HTML 25Page - Texas Instruments DS32EL0421 Datasheet HTML 26Page - Texas Instruments DS32EL0421 Datasheet HTML 27Page - Texas Instruments DS32EL0421 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
DS32EL0421, DS32ELX0421
SNLS282F – MAY 2008 – REVISED APRIL 2013
www.ti.com
Addr
Name
Bits
Field
R/W
Default
Description
(Hex)
2B
Event Config
7
Reserved
0
6
PLL Lock Event
R/W
0
0: Count PLL lock events
1: Do not count PLL lock events
5
Link Event
R/W
0
0: Count link events
1: Do not count link events
4
Loss of Signal
R/W
0
0: Count loss of signal events
Event
1: Do not count loss of signal events
3
Event Count
R/W
0
0: Select PLL event count for reading
Select
1: Select link event count for reading
2
Clear PLL Error
R/W
0
1: Reset PLL error count. Self clearing bit.
Count
1
Clear Link Error
R/W
0
1: Reset link error count. Self clearing bit.
Count
0
Enable Count
R/W
0
0: Disable event counters
1: Enable event counters
2C
Event Count
7:0
Event Counter
R
0
2D Reserved
2E
Analog Driver
7
Reserved
0
6
Reverse Data
R/W
0
0: Normal
Order
1: Reverse output data order
5:2
Reserved
R/W
0
1
Link Detect 1
R/W
0
Link detect value for channel 1
0
Link Detect 0
R/W
0
Link detect value for channel 0
2F
Tx Config
7:6
Reserved
0
5
Output
R/W
1'b
0: 75
Ω terminations
Termination
1: 50
Ω terminations
4
Link Start
R/W
1'b
0: Start when TxOUT0 or TxOUT1 link
1: Start when TxOUT0 and TxOUT1 linke
3
Link Stop
R/W
1'b
0: Stop when TxOUT0 and TxOUT1 both links invalid
1: Stop when TxOUT0 or TxOUT1 break link, either link is
invalid
2
TxOUT Override
R/W
0
0: TxOUT0 enabled by default, TxOUT1_en pin controls
channel1
1: Override enable of TxOUT0 and TxOUT1
1
TxOUT1 Enable
R/W
0
0: TxOUT1 disabled
1: TxOUT1 enabled
For proper operation of TxOUT1, the TxOUT1_EN pin
must be held high.
0
TxOOUT0 Enable
R/W
0
0: TxOUT0 disabled
1: TxOUT0 enabled
30
Clock Delay
7:5
TxCLKIN Delay
R/W
011’b
000: Min clock delay, 350 ps
011: 725 ps
111: Max clock delay, 1225 ps
4:0
Reserved
00010’b
31–68 Reserved
69
Output Amplitude
7:3
Reserved
0
Adjust
2:0
Amplitude Adjust
R/W
011’b
000: Level 7
001: Level 8 (Highest output)
010: Level 5
011: Level 6 (Normal output)
100: Level 4
101: Level 3
110: Level 2
111: Level 1 (Lowest output)
24
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS32EL0421 DS32ELX0421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com