Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EL0421 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DS32EL0421
Description  5-bit DDR LVDS Parallel Data Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EL0421 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DS32EL0421 Datasheet HTML 11Page - Texas Instruments DS32EL0421 Datasheet HTML 12Page - Texas Instruments DS32EL0421 Datasheet HTML 13Page - Texas Instruments DS32EL0421 Datasheet HTML 14Page - Texas Instruments DS32EL0421 Datasheet HTML 15Page - Texas Instruments DS32EL0421 Datasheet HTML 16Page - Texas Instruments DS32EL0421 Datasheet HTML 17Page - Texas Instruments DS32EL0421 Datasheet HTML 18Page - Texas Instruments DS32EL0421 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
DS32EL0421, DS32ELX0421
www.ti.com
SNLS282F – MAY 2008 – REVISED APRIL 2013
Table 2. Device Configuration Table
Remote Sense Pin
DC-Balance Pin (DC_B)
Configuration
(RS)
0
0
Remote Sense enabled
DC-Balance enabled
Data Alignment
Scrambler and NRZI encoder disabled by default
0
1
Remote Sense enabled
DC-Balance disabled
Data Alignment
Scrambler and NRZI encoder enabled by default
1
0
Remote Sense disabled
DC-Balance enabled
Data Alignment
Scrambler and NRZI encoder enabled by default
1
1
Remote Sense disabled
DC-Balance disabled
No Data Alignment
Scrambler and NRZI encoder disabled by default
SMBus INTERFACE
The System Management Bus interface is compatible to SMBus 2.0 physical layer specification. The use of the
Chip Select signal is required. Holding the SMB_CS pin HIGH enables the SMBus port, allowing access to the
configuration registers. Holding the SMB_CS pin LOW disables the device's SMBus, allowing communication
from the host to other slave devices on the bus. In the STANDBY state, the System Management Bus remains
active. When communication to other devices on the SMBus is active, the SMB_CS signal for the serializer must
be driven LOW.
The address byte for all DS32EL0421 and DS32ELX0421 devices is AE'h. Based on the SMBus 2.0
specification, these devices have a 7-bit slave address of 1010111'b. The LSB is set to 0'b (for a WRITE), thus
the 8-bit value is 1010 1110 'b or AE'h.
The SCK and SDA pins are 3.3V LVCMOS signaling and include high-Z internal pull up resistors. External low
impedance pull up resistors maybe required depending upon SMBus loading and speed. Note, these pins are not
5V tolerant.
Transfer of Data via the SMBus
During normal operation the data on SDA must be stable during the time when SCK is HIGH.
There are three unique states for the SMBus:
START
A HIGH to LOW transition on SDA while SCK is HIGH indicates a message START condition
STOP
A LOW to HIGH transition on SDA while SCK is HIGH indicates a message STOP condition.
IDLE
If SCK and SDA are both high for a time exceeding tBUF from the last detected STOP condition or if they are HIGH for a total
exceeding the maximum specification for tHIGH then the bus will transfer to the IDLE state.
SMBus Transactions
The devices support WRITE and READ transactions. See Register Description Table for register address, type
(Read/ Write, Read Only), default value and function information.
Writing to a Register
To write a register, the following protocol is used (see SMBus 2.0 specification).
1. The Host (Master) selects the device by driving its SMBus Chip Select (SMB_CS) signal HIGH.
2. The Host drives a START condition, the 7-bit SMBus address, and a “0” indicating a WRITE.
3. The Device (Slave) drives the ACK bit (“0”).
4. The Host drives the 8-bit Register Address.
5. The Device drives an ACK bit (“0”).
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: DS32EL0421 DS32ELX0421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com