Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EL0421 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DS32EL0421
Description  5-bit DDR LVDS Parallel Data Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EL0421 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DS32EL0421 Datasheet HTML 10Page - Texas Instruments DS32EL0421 Datasheet HTML 11Page - Texas Instruments DS32EL0421 Datasheet HTML 12Page - Texas Instruments DS32EL0421 Datasheet HTML 13Page - Texas Instruments DS32EL0421 Datasheet HTML 14Page - Texas Instruments DS32EL0421 Datasheet HTML 15Page - Texas Instruments DS32EL0421 Datasheet HTML 16Page - Texas Instruments DS32EL0421 Datasheet HTML 17Page - Texas Instruments DS32EL0421 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
DS32EL0421, DS32ELX0421
SNLS282F – MAY 2008 – REVISED APRIL 2013
www.ti.com
Table 1. De-Emphasis Control Table
DE_EMPH[1:0]
Output De-Emphasis Level
00'b
Off
01'b
Low
10'b
Medium
11'b
High
The DS32ELX0421 provides a secondary serial output, supporting redundancy applications. The redundant
output driver can be enabled by setting TXOUT1_EN pin to HIGH or by activating it through the SMBus reigsters.
DEVICE CONFIGURATION
There are four ways to configure the DS32EL0421 and DS32ELX0421 serializers, these combinations are shown
in Table 2. Refer to Figure 7 to see how the combinations of the RS and DC_B pins change the link startup
behavior of the serializers. When connecting to a deserializer other than the DS32EL0124 or DS32ELX0124,
Remote Sense should be disabled. The scrambler and NRZI encoder shown in Table 2 can be enabled or
disabled through register programming.
When Remote Sense is enabled, with RS pin tied low, the serializer must be connected directly to a
DS32EL0124 or DS32ELX0124 deserializer without any active components between them. The Remote Sense
module features an upstream communication method for the serializer and deserializer to communicate. This
feature is used to pass link status information between the 2 devices. When Remote Sense is enabled the
serializer will send a training pattern to the deserializer to establish lock and lane alignment.
If DC-Balance is enabled, a maximum of 4 parallel LVDS lanes can be used to receive data. The fifth lane
(TXIN4±) is used for Data Valid signaling. Each time a serializer establishes a link to a deserializer with DC-
Balance enabled and Remote Sense disabled, the Data Valid input to the serializer must be held high for 110
LVDS clock periods. If the Data Valid input to the serializer is logic HIGH, then SYNC characters are transmitted.
If the deserializer receives a SYNC character, then the LVDS data outputs will all be logic low and the Data Valid
output will be logic high. If the deserializer detects a DC-Balance code error, the output data pins will be set to
logic high with the Data Valid output also set to logic high.
In the case where DC-Balance is enabled and Remote Sense is disabled, with RS set to high and DC_B set to
low, it is recommended that the host device periodically toggle the Data Valid input to the serializer, to transmit
SYNC symbols on the line, to ensure that the deserializer is and remains locked. In this configuration the
deserializer or receiving device does not have a way to directly notify the serializer if it has lost lock. Periodically
sending SYNC symbols will allow the receiving system to reacquire lock if a problem has occurred. With these
pin settings the DS32EL0421/DS32ELX0421 and DS32EL0124/DS32ELX0124 devices can interface with other
active component in the high speed signal path, such as fiber modules.
When both Remote Sense and DC-Balance are disabled, RS and DC_B pins set to high, the LVDS lane
alignment is not maintained. In this configuration, data formatting is handled by an FPGA or external source. This
pin setting combination also allows for the DS32EL0421/DS32ELX0421 devices to interface with active
components other than the DS32EL0124/DS32ELX0124 in the high speed signal path. In this configuration the
host device is responsible for DC balancing the data in an AC coupled application.
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS32EL0421 DS32ELX0421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com