Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EL0421 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS32EL0421
Description  5-bit DDR LVDS Parallel Data Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EL0421 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS32EL0421 Datasheet HTML 5Page - Texas Instruments DS32EL0421 Datasheet HTML 6Page - Texas Instruments DS32EL0421 Datasheet HTML 7Page - Texas Instruments DS32EL0421 Datasheet HTML 8Page - Texas Instruments DS32EL0421 Datasheet HTML 9Page - Texas Instruments DS32EL0421 Datasheet HTML 10Page - Texas Instruments DS32EL0421 Datasheet HTML 11Page - Texas Instruments DS32EL0421 Datasheet HTML 12Page - Texas Instruments DS32EL0421 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TXCLK
80%
20%
tCIT
80%
20%
tCIT
SP
tBUF
tHD:STA
tLOW
tR
tHD:DAT
tHIGH
tF
tSU:DAT
tSU:STA
ST
SP
tSU:STO
SCK
SDA
SMB_CS
tSU:CS
ST
DS32EL0421, DS32ELX0421
www.ti.com
SNLS282F – MAY 2008 – REVISED APRIL 2013
CML Timing Specifications (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tJIND
Serializer Output Deterministic Jitter
Serializer output intrinsic deterministic
jitter. Measure with PRBS-7 test
pattern De-emphasis disabled.
See (3)
1.25 Gbps
10
ps
2.5 Gbps
24
ps
3.125 Gbps
21
ps
tJINR
Serializer Output Random Jitter
Serializer output intrinsic random
jitter. Bit error rate
≥10-15.
Alternating–10 pattern. De-emphasis
disabled.
See (3)
1.25 Gbps
1.3
psRMS
2.5 Gbps
1.15
psRMS
3.125 Gbps
1.14
psRMS
tJINT
Peak-to-peak Serializer Output Jitter
Serializer output peak-to-peak jitter
includes deterministic jitter, random
jitter, and jitter transfer from serializer
input. Measure with PRBS-7 test
pattern. Bit error rate
≥10-15. De-
emphasis disabled.
See (3)
1.25 Gbps
28
ps
2.5 Gbps
38
ps
3.125 Gbps
35
ps
λTXBW
Jitter Transfer Function -3 dB Bandwidth
1.25 Gbps
100
kHz
(4)
3.125 Gbps
300
kHz
δTX
Jitter Transfer Function Peaking
0.5
dB
(4)
(4)
Parameter is ensured by characterization and is not tested at production.
Timing Diagrams
Figure 1. SMBus timing parameters
Figure 2. Serializer Input Clock Transition Time
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS32EL0421 DS32ELX0421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com