Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EL0421 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DS32EL0421
Description  5-bit DDR LVDS Parallel Data Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EL0421 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DS32EL0421 Datasheet HTML 18Page - Texas Instruments DS32EL0421 Datasheet HTML 19Page - Texas Instruments DS32EL0421 Datasheet HTML 20Page - Texas Instruments DS32EL0421 Datasheet HTML 21Page - Texas Instruments DS32EL0421 Datasheet HTML 22Page - Texas Instruments DS32EL0421 Datasheet HTML 23Page - Texas Instruments DS32EL0421 Datasheet HTML 24Page - Texas Instruments DS32EL0421 Datasheet HTML 25Page - Texas Instruments DS32EL0421 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
DS32EL0421, DS32ELX0421
SNLS282F – MAY 2008 – REVISED APRIL 2013
www.ti.com
Addr
Name
Bits
Field
R/W
Default
Description
(Hex)
05
GP In
7:3
Reserved
0
2
GP In 2
R
0
Input value on GPIO2
1
GP In 1
R
0
Input value on GPIO1
0
GP In 0
R
0
Input value on GPIO0
06
GP Out
7:3
Reserved
0
2
GP Out 2
R/W
0
Output value on GPIO2
1
GP Out 1
R/W
0
Output value on GPIO1
0
GP Out 0
R/W
0
Output value on GPIO0
07–1F Reserved
20
De-Emphasis
7:3
Reserved
0
2
Pin Override
R/W
0
0: Pin values determine setting
1: Register overrides pin values
1:0
De-emphasis
R/W
0
00: No de-emphasis
level
01: Low
10: Medium
11: High
21
Device Config
7
NRZI enable
R/W
0
1: Enable NRZI, if override bit is set
6
DV disable
R/W
0
1: Disable Data Valid
5
Reserved
R/W
0
4
Scrambler Enable
R/W
0
1: Scrambler enable, requires override bit to change
setting
3
DC Bal encoder
R/W
0
1: Bypass encoder, requires override bit to change setting
bypass
2
Training
R/W
0
1: Enable training sequence, requires override bit to
Sequence Enable
change setting
1:0
Device
R/W
0
MSB: Remote Sense enable, active low
Configuration
LSB: DC balance encoder enable, active low
Requires override bit to change settings through registers.
Normally controlled by pins. See Table 2 for more
information.
22
Device Config
7:5
Reserved
0
Override
4
NRZ bypass
R/W
0
1: Unlock reg 21’h bit 7
override
3
Scrambler bypass
R/W
0
1: Unlock reg 21’h bit 4
override
2
DC Bal encoder
R/W
0
1: Unlock reg 21’h bit 3
bypass override
1
Training
R/W
0
1: Unlock reg 21’h bit 2
sequence enable
override
0
Config pin
R/W
0
1: Unlock reg 21’h bits 1 and 0
override
23 Reserved
24
LVDS Clock Delay
7
TxCLKIN Delay
R/W
0
0: TxCLKIN delay enable
Enable
Bypass
1: Bypass TxCLKIN delay
6:0
Reserved
0
25 Reserved
22
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS32EL0421 DS32ELX0421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com