Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EL0421 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DS32EL0421
Description  5-bit DDR LVDS Parallel Data Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EL0421 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DS32EL0421 Datasheet HTML 21Page - Texas Instruments DS32EL0421 Datasheet HTML 22Page - Texas Instruments DS32EL0421 Datasheet HTML 23Page - Texas Instruments DS32EL0421 Datasheet HTML 24Page - Texas Instruments DS32EL0421 Datasheet HTML 25Page - Texas Instruments DS32EL0421 Datasheet HTML 26Page - Texas Instruments DS32EL0421 Datasheet HTML 27Page - Texas Instruments DS32EL0421 Datasheet HTML 28Page - Texas Instruments DS32EL0421 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
DS32EL0421, DS32ELX0421
www.ti.com
SNLS282F – MAY 2008 – REVISED APRIL 2013
Register Recipes
Many features of the serializer contained within the SMBus registers require multiple writes to configure and
enable. This methodology was implemented to prevent accidental register writes from causing undesired device
behavior. Several recipes for common features are listed below. When experimenting with other SMBus register
features, be sure to read through the register map for override and enable bits.
SCRAMBLER OVERRIDE CONTROL
The scrambler’s default settings are described in the DEVICE CONFIGURATION section. However, the
scrambler’s setting can be overridden if desired.
Reg 22’h, write 08’h
Reg 21’h, write to bit 3 to enable/disable
75
Ω MODE
The serializer can be programmed to interface with 75
Ω media by using the recipe shown below. The inverting
serial output should be terminated when interfacing with single ended media.
Reg 2F’h, write 0 to bit 5
OUTPUT CHANNEL MUX CONTROL
DS32ELX0421 only. TxOUT0 is the output channel enabled by default. By using the external pin TxOUT1_EN,
TxOUT1 will be activated along with TxOUT0. If an application requires that only one channel be active at a time,
the following recipe allows for each channel to be enabled or disabled independent of the other.
Reg 2F’h, write 1’b to bit 2
Reg 2F’h, write to bits 1 or 0 to control the output channels
OUTPUT THE SERIAL CLOCK ON GPIO2
It is very helpful to be able to monitor high speed communication systems and observe their signal integrity.
Generally, this is done with a high speed real time oscilloscope or a sampling oscilloscope. Sampling
oscilloscopes require a reference clock to trigger on. The following recipe can be used to bring out the serial
clock on GPIO2 to provide a trigger for sampling oscilloscopes.
Reg 04’h, write 21’h
Power Save Mode
When a system does not need to transmit high speed data from the DS32EL0421 or DS32ELX0421, the power
consumption of the device can be managed as described in the POWER MANAGEMENT section on the
Functional Description page. The following recipe powers down many of the analog and digital blocks in the
serializer, but leaves the SMBus module operational. Please note that in order to resume normal operation the
recipe below will have to be unwritten.
Reg 01'h, write 10'h
Reg 26'h, write 40'h
Redundancy / Fail Over Configuration
DS32ELX0421 only. Implementing a redundancy system with the DS32ELX0421 can be done in several ways.
One method would be to program the redundancy or fail over logic into the host device or FPGA. The recipe
below will describe a different method, for which a DS32ELX0421 will communicate to two different DS32EL0124
deserializers. The recipe below will configure the DS32ELX0421 serializer to automatically switch to the alternate
output when the current high speed link fails.
Configure all device with Remote Sense enabled either by pin or register control. Pull TxOUT1_EN pin high
reg 2F'h, write 2D'h
Reg 2F'h, write 28'h
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: DS32EL0421 DS32ELX0421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com