Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EL0421 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS32EL0421
Description  5-bit DDR LVDS Parallel Data Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EL0421 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS32EL0421 Datasheet HTML 6Page - Texas Instruments DS32EL0421 Datasheet HTML 7Page - Texas Instruments DS32EL0421 Datasheet HTML 8Page - Texas Instruments DS32EL0421 Datasheet HTML 9Page - Texas Instruments DS32EL0421 Datasheet HTML 10Page - Texas Instruments DS32EL0421 Datasheet HTML 11Page - Texas Instruments DS32EL0421 Datasheet HTML 12Page - Texas Instruments DS32EL0421 Datasheet HTML 13Page - Texas Instruments DS32EL0421 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Symbol N
Symbol N+3
Symbol N+1
Symbol N+2
Symbol N+4
Symbol N
Symbol N-1
Symbol N-2
Symbol N-3
Symbol N-4
TXCLK
TXN
TXOUT
tSD
TxIN
TxCLKIN
Programmable
Delay Clock
(Internal)
tHTC
tSTC
Valid Data
Window
tCIP/2
Clock Delay
(Programmable)
TXCLK
TXn
Setup
Hold
tCIL, tCIH
tCIP/2
tSTC
tHTC
+100 mV
-100 mV
0V
0V
DS32EL0421, DS32ELX0421
SNLS282F – MAY 2008 – REVISED APRIL 2013
www.ti.com
Figure 3. Serializer (LVDS Interface) Setup/Hold and High/Low Times
Figure 4. LVDS Input Clock Delay
Figure 5. Propagation Delay Timing Diagram
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS32EL0421 DS32ELX0421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com