Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EL0421 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DS32EL0421
Description  5-bit DDR LVDS Parallel Data Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EL0421 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DS32EL0421 Datasheet HTML 19Page - Texas Instruments DS32EL0421 Datasheet HTML 20Page - Texas Instruments DS32EL0421 Datasheet HTML 21Page - Texas Instruments DS32EL0421 Datasheet HTML 22Page - Texas Instruments DS32EL0421 Datasheet HTML 23Page - Texas Instruments DS32EL0421 Datasheet HTML 24Page - Texas Instruments DS32EL0421 Datasheet HTML 25Page - Texas Instruments DS32EL0421 Datasheet HTML 26Page - Texas Instruments DS32EL0421 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
DS32EL0421, DS32ELX0421
www.ti.com
SNLS282F – MAY 2008 – REVISED APRIL 2013
Addr
Name
Bits
Field
R/W
Default
Description
(Hex)
26
Power Down
7
Channel Reset
R/W
0
1: Reset high speed channel. Self-clearing bit.
6
Clock Powerdown
R/W
0
1: Power down parallel, parallel-to-serial, and always on
clock
5
LVDS Clock
R/W
1'b
0: Disable TxCLKIN
enable
1: Enable TxCLKIN
4
TxIN4 Enable
R/W
1'b
0: Disable TxIN4
1: Enable TxIN4
3
TxIN3 Enable
R/W
1'b
0: Disable TxIN3
1: Enable TxIN3
2
TxIN2 Enable
R/W
1'b
0: Disable TxIN2
1: Enable TxIN2
1
TxIN1 Enable
R/W
1'b
0: Disable TxIN1
1: Enable TxIN1
0
TxIN0 Enable
R/W
1'b
0: Disable TxIN0
1: Enable TxIN0
27
Event Disable
7:5
Reserved
R/W
0
4
PLL Lock Disable
R/W
0
0: Count clock errors
1: Clock error count disabled
3
FIFO Error
R/W
0
0: Count FIFO erros 1: FIFO error count disabled
Disable
2
Parallel Clock
R/W
0
0: Count clock detect errors
Detect Disable
1: Clock detect count disabled
1
Clock Loss of
R/W
0
0: Count clock los of signal errors
Signal Disable
1: Clock loss of signal count disabled
0
Data Loss of
R/W
0
0: Count data los of signal errors
Signal Disable
1: Clock data of signal count disabled
28
LVDS Operation
7:2
Reserved
0
1
LVDS Loss of
R/W
0
1: Preset signal for LVDS loss of signal register
Signal Preset
0
LVDS Loss of
R/W
0
1: Clear signal for LVDS loss of signal register
Signal Reset
29
Loss of Signal
7:6
Reserved
0
Status
5
Clock Loss of
R
0
0: Clock present
Signal
1: No clock present on TxCLKIN
4:0
Data Loss of
R
0
0: Data present
Signal
1: No data present on TxIN4:0
2A
Event Status
7:4
Reserved
0
3
TxCLKIN Detect
R/W
0
0: TxCLKIN not detected
1: TxCLKIN detected
2
Reserved
0
1:0
Link Detect 1:0
R/W
0
0: Link not detected
1: Link detected
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: DS32EL0421 DS32ELX0421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com