Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EL0421 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DS32EL0421
Description  5-bit DDR LVDS Parallel Data Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EL0421 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DS32EL0421 Datasheet HTML 17Page - Texas Instruments DS32EL0421 Datasheet HTML 18Page - Texas Instruments DS32EL0421 Datasheet HTML 19Page - Texas Instruments DS32EL0421 Datasheet HTML 20Page - Texas Instruments DS32EL0421 Datasheet HTML 21Page - Texas Instruments DS32EL0421 Datasheet HTML 22Page - Texas Instruments DS32EL0421 Datasheet HTML 23Page - Texas Instruments DS32EL0421 Datasheet HTML 24Page - Texas Instruments DS32EL0421 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DS32EL0421, DS32ELX0421
www.ti.com
SNLS282F – MAY 2008 – REVISED APRIL 2013
Register Map
The register information for the serializer is shown in the table below. Some registers have been omitted or
marked as reserved; these are for internal testing and should not be written to. Some register bits require an
override bit to be set before they can be written to.
Addr
Name
Bits
Field
R/W
Default
Description
(Hex)
00
Device ID
7:1
SMBus Address
R/W
57'h
Some systems will use all 8 bits as the device ID. This will
shift the value from 57’h to AE’h
0
Reserved
0
01
Reset
7:5
Reserved
0
4
Analog Disable
R/W
0
1: Disables analog blocks. Power save feature
3:1
Reserved
0
0
Software Reset
0
1: Reset the device. Does not affect device ID.
02
GPIO0 Config
7:4
GPIO0 Mode
R/W
0
0000: GP out register
0001: Link loss indicator
0011: TxCLKIN loss of signal
0100: TxCLKIN detect
All others: Reserved
3:2
GPIO0 R Enable
R/W
01'b
00: Pullup/down disabled
01: Pulldown enabled
10: Pullup enabled
11: Reserved
1
Input Enable
R/W
0
0: Input buffer disabled
1: Input buffer enabled
0
Output Enable
R/W
1'b
0: OutputTtri-State™
1: Output enabled
03
GPIO1 Config
7:4
GPIO1 Mode
R/W
0
0000: Power on reset
0001: GP out register
0010: PLL lock indicator
0011: TxIN0 loss of signal
0100: TxIN1 loss of signal
0101: TxIN2 loss of signal
0110: TxIN3 loss of signal
0111: TxIN4 loss of signal
All others: Reserverd
3:2
GPIO1 R Enable
R/W
01'b
00: Pullup/down disabled
01: Pulldown enabled
10: Pullup enabled
11: Reserved
1
Input Enable
R/W
0
0: Input buffer disabled
1: Input buffer enabled
0
Output Enable
R/W
1'b
0: Output Tri-State™
1: Output enabled
04
GPIO2 Config
7:4
GPIO2 Mode
R/W
0
0000: GP out register
0001: Always on clock out
0010: Parallel-to-serial clock out
0100: Digital clock out
All others: Reserverd
3:2
GPIO2 R Enable
R/W
01'b
00: Pullup/down disabled
01: Pulldown enabled
10: Pullup enabled
11: Reserved
1
Input Enable
R/W
0
0: Input buffer disabled
1: Input buffer enabled
0
Output Enable
R/W
1'b
0: Output Tri-State™
1: Output enabled
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DS32EL0421 DS32ELX0421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com