Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8530H Datasheet(PDF) 118 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 118 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 114Page - Advanced Micro Devices AM8530H Datasheet HTML 115Page - Advanced Micro Devices AM8530H Datasheet HTML 116Page - Advanced Micro Devices AM8530H Datasheet HTML 117Page - Advanced Micro Devices AM8530H Datasheet HTML 118Page - Advanced Micro Devices AM8530H Datasheet HTML 119Page - Advanced Micro Devices AM8530H Datasheet HTML 120Page - Advanced Micro Devices AM8530H Datasheet HTML 121Page - Advanced Micro Devices AM8530H Datasheet HTML 122Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 194 page
background image
Register Description
AMD
6–8
Bits 4 and 3: Receive Interrupt Modes
These two bits specify the various character-available conditions that may cause interrupt
requests.
Receive Interrupts Disabled (00). This mode prevents the receiver from requesting an
interrupt and is normally used in a polled environment where either the status bits in RR0
or the modified vector in RR2 (Channel B) can be monitored to initiate a service routine.
Although the receiver interrupts are disabled, a special condition can still provide a unique
vector status in RR2.
D7 D6 D5 D4 D3 D2 D1 D0
00
01
10
11
Rx INT Disable
Rx INT on First Character or Special Condition
INT on All Rx Characters or Special Condition
Rx INT on Special Condition Only
EXT INT Enable
Tx INT Enable
Parity is Special Condition
WAIT/DMA Request on RECEIVE/
TRANSMIT
WAIT/DMA Request Function
WAIT/DMA Request Enable
Figure 6–2. Write Register 1
Receive Interrupt on First Character or Special Condition (01). The receiver requests
an interrupt in this mode on the first available character (or stored FIFO character) or on a
special condition. Sync characters to be stripped from the message stream do not cause
interrupts.
Special receive conditions are: receiver overrun, framing error, end of frame, or parity
error (if selected). If a special receive condition occurs, the data containing the error are
stored in the receive FIFO until an Error Reset command is issued by the CPU.
This mode is usually selected when a Block Transfer mode is used. In this interrupt
mode, a pending special receive condition remains set until either an Error Reset com-
mand, a channel or hardware reset, or until receive interrupts are disabled.
The Receive Interrupt on First Character or Special Condition mode can be re-enabled by
the Enable Rx Interrupt on Next Character command in WR0.
Interrupt on All Receive Characters or Special Condition (10). This mode allows an
interrupt for every character received (or character in the receive FIFO) and provides a
unique vector when a special condition exists. The Receiver Overrun bit and the Parity
Error bit in RR1 are two special conditions that are latched. These two bits must be reset
by the Error Reset command. Receiver overrun is always a special receive condition, and
parity can be programmed to be a special condition.
Data characters with special receive conditions are not held in the receive FIFO in the
Interrupt On All Receive Characters or Special Conditions mode as they are in other re-
ceive interrupt modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com