| Electronic Components Datasheet Search |
|
AM8530H Datasheet(PDF) 122 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530H Datasheet(HTML) 122 Page - Advanced Micro Devices |
|
122 / 194 page ![]() Register Description AMD 6–12 D7 D6 D5 D4 D3 D2 D1 D0 00 01 10 11 X1 Clock Mode X16 Clock Mode X32 Clock Mode X64 Clock Mode Parity Enable Parity Even/Odd SYNC Modes Enable 1 Stop Bit/Character 11/2 Stop Bits/Character 2 Stop Bits/Character 00 01 10 11 00 01 10 11 8 Bit SYNC Character 16 Bit SYNC Character SDLC Mode (01111110 Flag) External SYNC Mode Figure 6–5. Write Register 4 Bits 7 and 6: Clock Rate 1 And 0 These bits specify the multiplier between the clock and data rates. In synchronous modes, the 1X mode is forced internally and these bits are ignored unless External Sync mode has been selected. 1X Mode (00). The clock rate and data rate are the same. In External Sync mode, this bit combination specifies that only the SYNC pin can be used to achieve character synchro- nization. 16X Mode (01). The clock rate is 16 times the data rate. In External Sync mode, this bit combination specifies that only the SYNC pin can be used to achieve character synchro- nization. 32X Mode (10). The clock rate is 32 times the data rate. In External Sync mode, this bit combination specifies that either the SYNC pin or a match with the character stored in WR7 will signal character synchronization. The sync character can be either six or eight bits long as specified by the 6-bit/8-bit Sync bit in WR10. 64X Mode (11). The clock rate is 64 times the data rate. With this bit combination in Ex- ternal Sync mode, both the receiver and transmitter are placed in SDLC mode. The only variation from normal SDLC operation is that the SYNC pin is used to start or stop the reception of a frame by forcing the receiver to act as though a flag had been received. Bits 5 and 4: SYNC Modes 1 And 0 These two bits select the various options for character synchronization. They are ignored unless synchronous modes are selected in the stop bits field of this register. Monosync (00). In this mode, the receiver achieves character synchronization by match- ing the character stored in WR7 with an identical character in the received data stream. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |