Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV20D130K-JSIX Datasheet(PDF) 18 Page - World Produts Inc.

Part # EV20D130K-JSIX
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV20D130K-JSIX Datasheet(HTML) 18 Page - World Produts Inc.

Back Button EV20D130K-JSIX Datasheet HTML 14Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 15Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 16Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 17Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 18Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 19Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 20Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 21Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 22Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
16 | Metal Oxide Varistors - EV Series
Standard Dimensions and Lead Modification Options (continued)
E Max Dimensions for EV Standard Wire Lead using standard epoxy coating.
Dimensions are in mm (inches)
22mm
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
EV22D17KW
5.33 (0.210)
1.79 (0.071)
EV22D275KW
7.06 (0.278)
3.66 (0.144)
EV22D20KW
5.50 (0.217)
2.10 (0.083)
EV22D300KW
7.29 (0.287)
3.89 (0.153)
EV22D25KW
5.67 (0.223)
2.27 (0.089)
EV22D320KW
7.59 (0.299)
4.19 (0.165)
EV22D30KW
5.50 (0.217)
2.10 (0.083)
EV22D360KW
7.82 (0.308)
4.42 (0.174)
EV22D35KW
5.68 (0.224)
2.28 (0.090)
EV22D390KW
8.21 (0.323)
4.81 (0.189)
EV22D40KW
5.92 (0.233)
2.52 (0.099)
EV22D420KW
8.59 (0.338)
5.19 (0.204)
EV22D50KW
5.27 (0.207)
1.87 (0.074)
EV22D460KW
9.00 (0.354)
5.60 (0.220)
EV22D60KW
5.45 (0.215)
2.05 (0.081)
EV22D485KW
9.18 (0.361)
5.78 (0.227)
EV22D120KW
5.82 (0.229)
2.42 (0.095)
EV22D510KW
9.41 (0.370)
6.01 (0.237)
EV22D130KW
5.96 (0.235)
2.56 (0.101)
EV22D550KW
9.94 (0.391)
6.54 (0.257)
EV22D140KW
6.11 (0.241)
2.71 (0.107)
EV22D575KW
10.18 (0.401)
6.78 (0.267)
EV22D150KW
6.25 (0.246)
2.85 (0.112)
EV22D625KW
10.53 (0.415)
7.10 (0.280)
EV22D180KW
6.46 (0.254)
3.06 (0.121)
EV22D680KW
11.12 (0.438)
7.69 (0.303)
EV22D195KW
6.29 (0.248)
2.89 (0.114)
EV22D750KW
11.71 (0.461)
8.31 (0.327)
EV22D210KW
6.47 (0.255)
3.07 (0.121)
EV22D850KW
12.88 (0.507)
9.48 (0.373)
EV22D230KW
6.65 (0.262)
3.25 (0.128)
EV22D1000KW 14.06 (0.553)
10.69 (0.421)
EV22D250KW
6.82 (0.269)
3.42 (0.135)
S
a
W
A max
E max
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com