Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV20D130K-JSIX Datasheet(PDF) 38 Page - World Produts Inc.

Part # EV20D130K-JSIX
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV20D130K-JSIX Datasheet(HTML) 38 Page - World Produts Inc.

Back Button EV20D130K-JSIX Datasheet HTML 34Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 35Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 36Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 37Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 38Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 39Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 40Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 41Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 42Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
36 | Metal Oxide Varistors - EV Series
EV Ultra High Energy (-H) Series
Electrical Characteristics
14mm -H
Part
Number
Maximum Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
8/20µs
(joules)
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
EV14D120K-H
120
150
72
7500
162
198
300
50
1030
EV14D130K-H
130
170
84
7500
185
225
340
50
970
EV14D140K-H
140
180
94
7500
198
242
360
50
840
EV14D150K-H
150
200
100
7500
216
264
395
50
710
EV14D180K-H
180
225
120
7500
243
297
455
50
650
EV14D195K-H
195
250
130
7500
270
330
500
50
600
EV14D210K-H
210
275
140
7500
297
363
550
50
550
EV14D230K-H
230
300
155
7500
324
396
595
50
530
EV14D250K-H
250
320
190
7500
351
429
650
50
500
EV14D275K-H
275
350
210
7500
387
473
710
50
480
EV14D300K-H
300
385
215
7500
423
517
775
50
440
EV14D320K-H
320
415
220
7500
459
561
845
50
390
EV14D350K-H
350
460
230
7500
504
616
825
50
360
EV14D390K-H
390
505
240
7500
558
682
1025
50
320
EV14D420K-H
420
560
250
7500
612
748
1120
50
300
EV14D460K-H
460
615
250
7500
675
825
1240
50
280
EV14D485K-H
485
640
265
7500
702
858
1290
50
250
EV14D510K-H
510
670
280
7500
738
902
1355
50
230
EV14D550K-H
550
745
310
7500
819
1001
1500
50
200
EV14D625K-H
625
825
340
7500
900
1100
1650
50
180
EV14D680K-H
680
895
370
7500
990
1210
1815
50
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com